Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LME49860NABD Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza LME49860NABD
Descripción Electrónicos  44V Dual High Performance, High Fidelity Audio Operational Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LME49860NABD Datasheet(HTML) 2 Page - Texas Instruments

  LME49860NABD Datasheet HTML 1Page - Texas Instruments LME49860NABD Datasheet HTML 2Page - Texas Instruments LME49860NABD Datasheet HTML 3Page - Texas Instruments LME49860NABD Datasheet HTML 4Page - Texas Instruments LME49860NABD Datasheet HTML 5Page - Texas Instruments LME49860NABD Datasheet HTML 6Page - Texas Instruments LME49860NABD Datasheet HTML 7Page - Texas Instruments LME49860NABD Datasheet HTML 8Page - Texas Instruments LME49860NABD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
B
-
+
A
-
+
7
OUTPUT B
8
V
+
6
INVERTING INPUT B
5
NON-INVERTING
INPUT B
NON-INVERTING
INPUT A
3
V
-
4
INVERTING INPUT A
2
OUTPUT A
1
Dual-In-Line Package
-
+
LME49860
-
+
-
+
-
+
+
+
INPUT
OUTPUT
Note: 1% metal film resistors, 5% polypropylene capacitors
47 k:
3320:
150:
909:
26.1 k:
3.83 k:
100:
150:
22 nF//4.7 nF//500 pF
3320:
47 nF//33 nF
LME49860
10 pF
LME49860, LME49860MABD, LME49860NABD
SNAS389B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
Table 1. Key Specifications (continued)
DC Gain Linearity Error
0.000009%
Typical Application
Figure 1. Passively Equalized RIAA Phono Preamplifier
Connection Diagram
Figure 2. See NS Package Number — N08E
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LME49860 LME49860MABD LME49860NABD


Número de pieza similar - LME49860NABD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LME49860NA/NOPB TI1-LME49860NA/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   LME49860 44V Dual High Performance, High Fidelity Audio Operational Amplifier
More results

Descripción similar - LME49860NABD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LME49860 TI1-LME49860 Datasheet
1Mb / 37P
[Old version datasheet]   LME49860 44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49870 TI1-LME49870 Datasheet
985Kb / 35P
[Old version datasheet]   44V Single High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49870 NSC-LME49870 Datasheet
957Kb / 34P
   44V Single High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com