Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC12DL066 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza ADC12DL066
Descripción Electrónicos  Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL066 Datasheet(HTML) 5 Page - Texas Instruments

  ADC12DL066_14 Datasheet HTML 1Page - Texas Instruments ADC12DL066_14 Datasheet HTML 2Page - Texas Instruments ADC12DL066_14 Datasheet HTML 3Page - Texas Instruments ADC12DL066_14 Datasheet HTML 4Page - Texas Instruments ADC12DL066_14 Datasheet HTML 5Page - Texas Instruments ADC12DL066_14 Datasheet HTML 6Page - Texas Instruments ADC12DL066_14 Datasheet HTML 7Page - Texas Instruments ADC12DL066_14 Datasheet HTML 8Page - Texas Instruments ADC12DL066_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ADC12DL066
www.ti.com
SNAS188F – MAY 2004 – REVISED FEBRUARY 2008
Pin No.
Symbol
Equivalent Circuit
Description
24–29
DA0–DA11
34–39
Digital data output pins that make up the 12-bit conversion results
of their respective converters. DA0 and DB0 are the LSBs, while
DA11 and DB11 are the MSBs of the output words. Output levels
are TTL/CMOS compatible.
42–47
DB0–DB11
52–57
(5)
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
9, 18, 19, 62,
quiet +3.3V source and bypassed to AGND with 0.1 µF capacitors
VA
63
located within 1 cm of these power pins, and with a 10 µF
capacitor.
3, 8, 10, 17,
AGND
The ground return for the analog supply.
20, 61, 64
DIGITAL POWER
Positive digital supply pin. This pin should be connected to the
same quiet +3.3V source as is VA and be bypassed to DGND with
33, 48
VD
a 0.1 µF capacitor located within 1 cm of the power pin and with a
10 µF capacitor.
32, 49
DGND
The ground return for the digital supply.
Positive digital supply pin for the ADC12DL066's output drivers.
This pin should be connected to a voltage source of +2.4V to VD
and be bypassed to DR GND with a 0.1 µF capacitor. If the supply
30, 51
VDR
for this pin is different from the supply used for VA and VD, it should
also be bypassed with a 10 µF capacitor. VDR should never exceed
the voltage on VD. All bypass capacitors should be located within 1
cm of the supply pin.
The ground return for the digital supply for the ADC12DL066's
output drivers. These pins should be connected to the system
23, 31, 40,
DR GND
digital ground, but not be connected in close proximity to the
50, 58
ADC12DL066's DGND or AGND pins. See LAYOUT AND
GROUNDING (Layout and Grounding) for more details.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC12DL066


Número de pieza similar - ADC12DL066_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_15 Datasheet
817Kb / 33P
[Old version datasheet]   450 MHz Input Bandwidth A/D Converter
More results

Descripción similar - ADC12DL066_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12DL066 NSC-ADC12DL066_08 Datasheet
504Kb / 24P
   Dual 12-Bit, 66Msps, 450MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_15 Datasheet
817Kb / 33P
[Old version datasheet]   450 MHz Input Bandwidth A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com