Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC12DL080 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza ADC12DL080
Descripción Electrónicos  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL080 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC12DL080_14 Datasheet HTML 6Page - Texas Instruments ADC12DL080_14 Datasheet HTML 7Page - Texas Instruments ADC12DL080_14 Datasheet HTML 8Page - Texas Instruments ADC12DL080_14 Datasheet HTML 9Page - Texas Instruments ADC12DL080_14 Datasheet HTML 10Page - Texas Instruments ADC12DL080_14 Datasheet HTML 11Page - Texas Instruments ADC12DL080_14 Datasheet HTML 12Page - Texas Instruments ADC12DL080_14 Datasheet HTML 13Page - Texas Instruments ADC12DL080_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ADC12DL080
SNAS345 – FEBRUARY 2006
www.ti.com
DC and Logic Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN = 40 MHz, CL = 10 pF/pin, Duty Cycle Stabilizer On. Boldface
limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
PD Pin = DGND, CL = 10 pF
(6)
447
535
mW (max)
Total Power Consumption
PD Pin = VD
50
mW
Rejection of Full-Scale Error with
PSRR
Power Supply Rejection Ratio
80
dB
VA = 3.0V vs. 3.6V
(6)
Excludes IDR. See
().
10
Submit Documentation Feedback
Copyright © 2006, Texas Instruments Incorporated
Product Folder Links: ADC12DL080


Número de pieza similar - ADC12DL080_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_15 Datasheet
831Kb / 34P
[Old version datasheet]   A/D Converter for IF Sampling
More results

Descripción similar - ADC12DL080_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD10226 AD-AD10226 Datasheet
976Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV. 0
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com