Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC14L020 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza ADC14L020
Descripción Electrónicos  14-Bit, 20 MSPS, 150 mW A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14L020 Datasheet(HTML) 1 Page - Texas Instruments

  ADC14L020_14 Datasheet HTML 1Page - Texas Instruments ADC14L020_14 Datasheet HTML 2Page - Texas Instruments ADC14L020_14 Datasheet HTML 3Page - Texas Instruments ADC14L020_14 Datasheet HTML 4Page - Texas Instruments ADC14L020_14 Datasheet HTML 5Page - Texas Instruments ADC14L020_14 Datasheet HTML 6Page - Texas Instruments ADC14L020_14 Datasheet HTML 7Page - Texas Instruments ADC14L020_14 Datasheet HTML 8Page - Texas Instruments ADC14L020_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ADC14L020
www.ti.com
SNAS325C – JUNE 2005 – REVISED MARCH 2006
ADC14L020 14-Bit, 20 MSPS, 150 mW A/D Converter
Check for Samples: ADC14L020
1
FEATURES
APPLICATIONS
2
Single +3.3V supply operation
Medical Imaging
Internal sample-and-hold
Instrumentation
Internal reference
Communications
Outputs 2.4V to 3.6V compatible
Digital Video
Duty Cycle Stabilizer
Power down mode
DESCRIPTION
The ADC14L020 is a low power monolithic CMOS analog-to-digital converter capable of converting analog input
signals into 14-bit digital words at 20 Megasamples per second (MSPS). This converter uses a differential,
pipeline architecture with digital error correction and an on-chip sample-and-hold circuit to minimize power
consumption while providing excellent dynamic performance and a 150 MHz Full Power Bandwidth. Operating on
a single +3.3V power supply, the ADC14L020 achieves 12.0 effective bits at nyquist and consumes just 150 mW
at 20 MSPS . The Power Down feature reduces power consumption to 15 mW.
The differential inputs provide a full scale differential input swing equal to 2 times VREF with the possibility of a
single-ended input. Full use of the differential input is recommended for optimum performance. Duty cycle
stabilization and output data format are selectable using a quad state function pin. The output data can be set for
offset binary or two's complement.
To ease interfacing to lower voltage systems, the digital output driver power pins of the ADC14L020 can be
connected to a separate supply voltage in the range of 2.4V to the analog supply voltage.
This device is available in the 32-lead LQFP package and will operate over the industrial temperature range of
−40°C to +85°C. An evaluation board is available to ease the evaluation process.
Table 1. Key Specifications
VALUE
UNIT
Resolution
14
Bits
DNL
±0.5
LSB (typ)
SNR (fIN = 10 MHz)
74
dB (typ)
SFDR (fIN = 10 MHz)
93
dB (typ)
Data Latency
7 Clock Cycles
Power Consumption
-- Operating
150
mW (typ)
-- Power Down Mode
15
mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - ADC14L020_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020CIVY/NOPB TI1-ADC14L020CIVY/NOPB Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020EVAL NSC-ADC14L020EVAL Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020EVAL NSC-ADC14L020EVAL Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
More results

Descripción similar - ADC14L020_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
logo
National Semiconductor ...
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
   14-Bit, 40 MSPS, 235 mW A/D Converter
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
   14-Bit, 7 MSPS, 380 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com