Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC16V130 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza ADC16V130
Descripción Electrónicos  16-Bit, 130 MSPS A/D Converter With LVDS Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16V130 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC16V130_14 Datasheet HTML 7Page - Texas Instruments ADC16V130_14 Datasheet HTML 8Page - Texas Instruments ADC16V130_14 Datasheet HTML 9Page - Texas Instruments ADC16V130_14 Datasheet HTML 10Page - Texas Instruments ADC16V130_14 Datasheet HTML 11Page - Texas Instruments ADC16V130_14 Datasheet HTML 12Page - Texas Instruments ADC16V130_14 Datasheet HTML 13Page - Texas Instruments ADC16V130_14 Datasheet HTML 14Page - Texas Instruments ADC16V130_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
2
2
f
+
THD =
10
log
20
2
3
f
+ . . .
2
8
f
+
2
1
f
ADC16V130
www.ti.com
SNAS458D – NOVEMBER 2008 – REVISED MAY 2010
INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of two
sinusoidal frequencies being applied to the ADC input at the same time. It is defined as the ratio of the power in
the intermodulation products to the total power in the original frequencies. IMD is usually expressed in dBFS.
LSB (LEAST SIGNIFICANT BIT) is the bit that has the smallest value or weight of all bits. This value is VFS/2
n,
where “VFS” is the full scale input voltage and “n” is the ADC resolution in bits.
MISSING CODES are those output codes that will never appear at the ADC outputs. The ADC16V130 is
guaranteed not to have any missing codes.
MSB (MOST SIGNIFICANT BIT) is the bit that has the largest value or weight. Its value is one half of full scale.
NEGATIVE FULL SCALE ERROR is the difference between the actual first code transition and its ideal value of
½ LSB above negative full scale.
OFFSET ERROR is the difference between the two input voltages (VIN+ – VIN-) required to cause a transition from
code 32767LSB and 32768LSB with offset binary data format.
PIPELINE DELAY (LATENCY) See CONVERSION LATENCY.
POSITIVE FULL SCALE ERROR is the difference between the actual last code transition and its ideal value of
1½ LSB below positive full scale.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the power of input signal to the total power of
all other spectral components below one-half the sampling frequency, not including harmonics and DC.
SIGNAL TO NOISE AND DISTORTION (SINAD) Is the ratio, expressed in dB, of the power of the input signal to
the total power of all of the other spectral components below half the clock frequency, including harmonics but
excluding DC.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the power of input
signal and the peak spurious signal power, where a spurious signal is any signal present in the output spectrum
that is not present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB, of the total power of the first seven
harmonic to the input signal power. THD is calculated as:
(9)
where f1
2 is the power of the fundamental frequency and f
2
2 through f
8
2 are the powers of the first seven
harmonics in the output spectrum.
SECOND HARMONIC DISTORTION (2ND HARM or H2) is the difference expressed in dB, from the power of its
2nd harmonic level to the power of the input signal.
THIRD HARMONIC DISTORTION (3RD HARM or H3) is the difference expressed in dB, from the power of the
3nd harmonic level to the power of the input signal.
HIGHEST SPURIOUS EXCEPT H2 and H3 (Spur-H2/3) is the difference, expressed in dB, between the power
of input signal and the peak spurious signal power except H2 and H3, where a spurious signal is any signal
present in the output spectrum that is not present at the input.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC16V130


Número de pieza similar - ADC16V130_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_15 Datasheet
1Mb / 31P
[Old version datasheet]   130 MSPS A/D Converter With LVDS Outputs
More results

Descripción similar - ADC16V130_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC16V130 NSC-ADC16V130 Datasheet
585Kb / 24P
   16-Bit, 130 MSPS A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_15 Datasheet
1Mb / 31P
[Old version datasheet]   130 MSPS A/D Converter With LVDS Outputs
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
[Old version datasheet]   80 MSPS A/D Converter with Serial LVDS Outputs
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
[Old version datasheet]   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com