Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC161S626 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC161S626
Descripción Electrónicos  ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC161S626 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC161S626 Datasheet HTML 2Page - Texas Instruments ADC161S626 Datasheet HTML 3Page - Texas Instruments ADC161S626 Datasheet HTML 4Page - Texas Instruments ADC161S626 Datasheet HTML 5Page - Texas Instruments ADC161S626 Datasheet HTML 6Page - Texas Instruments ADC161S626 Datasheet HTML 7Page - Texas Instruments ADC161S626 Datasheet HTML 8Page - Texas Instruments ADC161S626 Datasheet HTML 9Page - Texas Instruments ADC161S626 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ADC161S626
SNAS468B – SEPTEMBER 2008 – REVISED MAY 2009
www.ti.com
ADC161S626 Converter Electrical Characteristics
(1) (continued)
The following specifications apply for VA = 4.5V to 5.5V, VIO = 2.7V to 5.5V, and VREF = 2.5V to 5.5V for fSCLK = 1 MHz to 4
MHz or VREF = 4.5V to 5.5V for fSCLK = 1 MHz to 5 MHz; fIN = 20 kHz, and CL = 25 pF, unless otherwise noted. Maximum and
minimum values apply for TA = TMIN to TMAX; the typical values are tested at TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ISOURCE = 200 µA
0.01
0.4
V
VOL
Output Low Voltage
ISOURCE = 1 mA
0.07
V
IOZH, IOZL
TRI-STATE Leakage Current
Force 0V or VA
±1
µA
COUT
TRI-STATE Output Capacitance
Force 0V or VA
4
pF
Output Coding
Binary 2'S Complement
POWER SUPPLY CHARACTERISTICS
VA
Analog Supply Voltage Range
4.5
5
5.5
V
Digital Input/Output Supply Voltage
VIO
(2)
2.7
3
5.5
V
Range
VREF
Reference Voltage Range
0.5
5
VA
V
VA = 5V, fSCLK = 4 MHz, fS = 200
1060
µA
kSPS
Analog Supply Current, Conversion
IVA (Conv)
Mode
VA = 5V, fSCLK = 5 MHz, fS = 250
1160
1340
µA
kSPS
VIO = 3V, fSCLK = 4 MHz, fS = 200
80
µA
kSPS
Digital I/O Supply Current, Conversion
IVIO (Conv)
Mode
VIO = 3V, fSCLK = 5 MHz, fS = 250
100
µA
kSPS
VA = 5V, fSCLK = 4 MHz, fS = 200
80
µA
kSPS
IVREF
Reference Current, Conversion Mode
(Conv)
VA = 5V, fSCLK = 5 MHz, fS = 250
100
170
µA
kSPS
fSCLK = 5 MHz, VA = 5V
7
µA
Analog Supply Current, Power Down
IVA (PD)
Mode (CS high)
fSCLK = 0 Hz, VA = 5V
(3)
2
3
µA
fSCLK = 5 MHz, VIO = 3V
1
µA
Digital I/O Supply Current, Power Down
IVIO (PD)
Mode (CS high)
fSCLK = 0 Hz, VIO = 3V
(3)
0.3
0.5
µA
fSCLK = 5 MHz, VREF = 5V
0.5
µA
Reference Current, Power Down Mode
IVREF (PD)
(CS high)
fSCLK = 0 Hz, VREF = 5V
(3)
0.5
0.7
µA
VA = 5V, fSCLK = 4 MHz, fS = 200
5.3
mW
kSPS, and fIN = 20 kHz,
PWR
Power Consumption, Conversion Mode
(Conv)
VA = 5V, fSCLK = 5 MHz, fS = 250
5.8
6.7
mW
kSPS, and fIN = 20
fSCLK = 5 MHz, VA = 5.0V
35
µW
(3)
Power Consumption, Power Down Mode
PWR (PD)
(CS high)
fSCLK = 0 Hz, VA = 5.0V
10
15
µW
(3)
See the Specification Definitions for
PSRR
Power Supply Rejection Ratio
−78
dB
the test condition
AC ELECTRICAL CHARACTERISTICS
fSCLK
Maximum Clock Frequency
1
5
MHz
fS
Maximum Sample Rate
(4)
50
250
kSPS
tACQ
Acquisition/Track Time
600
ns
SCLK
tCONV
Conversion/Hold Time
17
cycles
tAD
Aperture Delay
See the Specification Definitions
6
ns
(2)
The value of VIO is independent of the value of VA. For example, VIO could be operating at 5.5V while VA is operating at 4.5V or VIO
could be operating at 2.7V while VA is operating at 5.5V.
(3)
This parameter is guaranteed by design and/or characterization and is not tested in production.
(4)
While the maximum sample rate is fSCLK / 20, the actual sample rate may be lower than this by having the CS rate slower than fSCLK /
20.
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: ADC161S626


Número de pieza similar - ADC161S626

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Texas Instruments
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626CIMM NSC-ADC161S626CIMM Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMM NSC-ADC161S626CIMM Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results

Descripción similar - ADC161S626

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM73201 TI1-SM73201 Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Texas Instruments
SM73201 TI1-SM73201_13 Datasheet
1Mb / 28P
[Old version datasheet]   SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Analog Devices
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com