Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS58H40 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADS58H40
Descripción Electrónicos  Quad-Channel, 250-MSPS Receiver and Feedback ADC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58H40 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS58H40_14 Datasheet HTML 3Page - Texas Instruments ADS58H40_14 Datasheet HTML 4Page - Texas Instruments ADS58H40_14 Datasheet HTML 5Page - Texas Instruments ADS58H40_14 Datasheet HTML 6Page - Texas Instruments ADS58H40_14 Datasheet HTML 7Page - Texas Instruments ADS58H40_14 Datasheet HTML 8Page - Texas Instruments ADS58H40_14 Datasheet HTML 9Page - Texas Instruments ADS58H40_14 Datasheet HTML 10Page - Texas Instruments ADS58H40_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ADS58H40
www.ti.com
SBAS589B – AUGUST 2012 – REVISED NOVEMBER 2012
TIMING REQUIREMENTS
(1)
Typical values are at +25°C, AVDD33 = 3.3 V, AVDD = 1.9 V, DRVDD = 1.8 V, sine-wave input clock, CLOAD = 3.3 pF
(2), and
RLOAD = 100 Ω
(3), unless otherwise noted.
Minimum and maximum values are across the full temperature range of TMIN = –40°C to TMAX = +85°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tA
Aperture delay
0.7
1.2
1.6
ns
Aperture delay matching
Between any two channels of the same device
±70
ps
Between two devices at the same temperature and
Variation of aperture delay
±150
ps
DRVDD supply
tJ
Aperture jitter
140
fs rms
Time to valid data after coming out of global power
100
µs
down
Wake up time
Time to valid data after coming out of channel power
10
µs
down
Output clock
Default latency in 11-bit mode
10
cycles
Output clock
Digital gain enabled
13
cycles
Output clock
Digital gain and offset correction enabled
14
cycles
Output clock
13
SNRBoost3G+ (90-MHz BW) enabled alone
ADC latency(4)(5)
cycles
Output clock
SNRBoost3G+ (90-MHz BW), digital gain, and offset
17
cycles
correction enabled
Output clock
15
SNRBoost3G+ (45-MHz BW) enabled alone
cycles
Output clock
SNRBoost3G+ (45-MHz BW), digital gain, and offset
19
cycles
correction enabled
OUTPUT TIMING(6)
tSU
Data setup time(7)(8)(9)
Data valid to CLKOUTxxP zero-crossing
0.6
0.85
ns
tH
Data hold time(7)(8)(9)
CLKOUTxxP zero-crossing to data becoming invalid
0.6
0.84
ns
Differential clock duty cycle (CLKOUTxxP –
LVDS bit clock duty cycle
50%
CLKOUTxxM)
Input clock falling edge cross-over to output clock
tPDI
Clock propagation delay(5)
falling edge cross-over, 184 MSPS
≤ sampling
0.25 × tS + tdelay
ns
frequency
≤ 250 MSPS
Input clock falling edge cross-over to output clock
tdelay
Delay time
falling edge cross-over, 184 MSPS
≤ sampling
6.9
8.65
10.5
ns
frequency
≤ 250 MSPS
tRISE,
Data rise and fall time
Rise time measured from –100 mV to +100 mV
0.1
ns
tFALL
tCLKRISE,
Output clock rise and fall
Rise time measured from –100 mV to +100 mV
0.1
ns
tCLKFALL
time
(1)
Timing parameters are ensured by design and characterization and are not tested in production.
(2)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(3)
RLOAD is the differential load resistance between the LVDS output pair.
(4)
ADC latency is given for channels B and D. For channels A and C, latency reduces by half of the output clock cycles.
(5)
Overall latency = ADC latency + tPDI.
(6)
Measurements are done with a transmission line of 100-
Ω characteristic impedance between the device and load. Setup and hold time
specifications take into account the effect of jitter on the output data and clock.
(7)
Data valid refers to a logic high of +100 mV and a logic low of –100 mV.
(8)
Note that these numbers are taken with delayed output clocks by writing the following registers: address A9h, value 02h; and address
ACh, value 60h. Refer to the Serial Interface Registers section. By default after reset, minimum setup time and minimum hold times are
520 ps each.
(9)
The setup and hold times of a channel are measured with respect to the same channel output clock.
Table 2. LVDS Timings Across Lower Sampling Frequencies
SETUP TIME (ns)
HOLD TIME (ns)
SAMPLING FREQUENCY
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
210
0.89
1.03
0.82
1.01
185
1.06
1.21
0.95
1.15
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS58H40


Número de pieza similar - ADS58H40_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
More results

Descripción similar - ADS58H40_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS7816UC TI-ADS7816UC Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H43 TI-ADS58H43 Datasheet
2Mb / 58P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com