Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS58H40 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS58H40
Descripción Electrónicos  Quad-Channel, 250-MSPS Receiver and Feedback ADC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58H40 Datasheet(HTML) 5 Page - Texas Instruments

  ADS58H40 Datasheet HTML 1Page - Texas Instruments ADS58H40 Datasheet HTML 2Page - Texas Instruments ADS58H40 Datasheet HTML 3Page - Texas Instruments ADS58H40 Datasheet HTML 4Page - Texas Instruments ADS58H40 Datasheet HTML 5Page - Texas Instruments ADS58H40 Datasheet HTML 6Page - Texas Instruments ADS58H40 Datasheet HTML 7Page - Texas Instruments ADS58H40 Datasheet HTML 8Page - Texas Instruments ADS58H40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
ADS58H40
www.ti.com
SBAS589B – AUGUST 2012 – REVISED NOVEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at TA = +25°C, full temperature range is TMIN = –40°C to TMAX = +85°C, ADC clock frequency = 250 MHz,
50% clock duty cycle, AVDD33V = 3.3 V, AVDD = 1.9 V, DRVDD = 1.8 V, and –1-dBFS differential input, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC AC CHARACTERISTICS(3)(4)
fIN = 140 MHz, AIN = –1 dBFS
71
dBFS
11-bit SNRBoost3G+,
fIN = 170 MHz, AIN = –1 dBFS
69
70.5
dBFS
90-MHz BW
SNR
Signal-to-noise ratio
fIN = 220 MHz, AIN = –1 dBFS
70
dBFS
fIN = 307 MHz, AIN = –3 dBFS
71.7
dBFS
11-bit SNRBoost3G+,
60-MHz BW
fIN = 350 MHz, AIN = –3 dBFS
71.5
dBFS
fIN = 140 MHz, AIN = –1 dBFS
70.6
dBFS
11-bit SNRBoost3G+,
fIN = 170 MHz, AIN = –1 dBFS
68
70.1
dBFS
90-MHz BW
Signal-to-noise and
SINAD
fIN = 220 MHz, AIN = –1 dBFS
69.5
dBFS
distortion ratio
fIN = 307 MHz, AIN = –3 dBFS
69.7
dBFS
11-bit SNRBoost3G+,
60-MHz BW
fIN = 350 MHz, AIN = –3 dBFS
69.2
dBFS
fIN = 140 MHz, AIN = –1 dBFS
85
dBc
fIN = 170 MHz, AIN = –1 dBFS
80
85
dBc
SFDR
Spurious-free dynamic range
fIN = 220 MHz, AIN = –1 dBFS
82
dBc
fIN = 307 MHz, AIN = –3 dBFS
78
dBc
fIN = 350 MHz, AIN = –3 dBFS
77
dBc
fIN = 140 MHz, AIN = –1 dBFS
82
dBc
fIN = 170 MHz, AIN = –1 dBFS
77
82
dBc
THD
Total harmonic distortion
fIN = 220 MHz, AIN = –1 dBFS
80
dBc
fIN = 307 MHz, AIN = –3 dBFS
77
dBc
fIN = 350 MHz, AIN = –3 dBFS
76
dBc
fIN = 140 MHz, AIN = –1 dBFS
86
dBc
fIN = 170 MHz, AIN = –1 dBFS
80
85
dBc
HD2
Second-order harmonic distortion(5)
fIN = 220 MHz, AIN = –1 dBFS
82
dBc
fIN = 307 MHz, AIN = –3 dBFS
78
dBc
fIN = 350 MHz, AIN = –3 dBFS
77
dBc
fIN = 140 MHz, AIN = –1 dBFS
85
dBc
fIN = 170 MHz, AIN = –1 dBFS
82
85
dBc
HD3
Third-order harmonic distortion
fIN = 220 MHz, AIN = –1 dBFS
85
dBc
fIN = 307 MHz, AIN = –3 dBFS
85
dBc
fIN = 350 MHz, AIN = –3 dBFS
83
dBc
fIN = 140 MHz, AIN = –1 dBFS
95
dBc
fIN = 170 MHz, AIN = –1 dBFS
87
95
dBc
Worst spur
fIN = 220 MHz, AIN = –1 dBFS
95
dBc
(non HD2, HD3)
fIN = 307 MHz, AIN = –3 dBFS
95
dBc
fIN = 350 MHz, AIN = –3 dBFS
95
dBc
DNL
Differential nonlinearity
–0.95
±0.5
1.6
LSBs
INL
Integral nonlinearity
±1.5
±5.25
LSBs
Recovery to within 1% (of final value) for
Clock
Input overload recovery
1
6-dB output overload with sine-wave input
cycle
With a full-scale, 220-MHz signal on
Crosstalk
aggressor channel and no signal on victim
90
dB
channel
PSRR
AC power-supply rejection ratio
For 50-mVPP signal on AVDD supply
< 30
dB
(3)
Phase and amplitude imbalances onboard must be minimized to obtain good performance.
(4)
Dynamic ac characteristics are taken with respect to the 14-bit burst mode, unless otherwise noted.
(5)
The minimum value across temperature is ensured by bench characterization.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS58H40


Número de pieza similar - ADS58H40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS58H40IZCR TI-ADS58H40IZCR Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H40IZCRR TI-ADS58H40IZCRR Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
More results

Descripción similar - ADS58H40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS7816UC TI-ADS7816UC Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H43 TI-ADS58H43 Datasheet
2Mb / 58P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com