Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS53-18A Datasheet(PDF) 1 Page - Fuji Electric

No. de pieza CS53-18A
Descripción Electrónicos  Fast Recovery High Voltage Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

CS53-18A Datasheet(HTML) 1 Page - Fuji Electric

  CS53-18A Datasheet HTML 1Page - Fuji Electric CS53-18A Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recovery
High Voltage Silicon Rectifiers
Repetitive peak
reverse voltage
VRRM
Average
forward
current
Io*
Non-repetitive
peak surge
current
IFSM**
Maximum forward
voltage drop
(at 10mA, Ta = 25°°°°C)
VFM
Maximum reverse
current, repetitive
(at VRRM, Ta = 25°°°°C)
IRRM
Maximum Junction
Capacitance
(at VRRM=0V, Ta = 25°°°°C)
@ 1MHz
Part
Number
kV
mA
A
Volts
µµµµA
pf
CS57-04A
4
15
CS54-06A
6
24
CS54-08A
8
25
1.0
30
2
CS52-10A
10
36
CS52-12A
12
45
CS52-14A
14
51
CS53-16A
16
60
CS53-18A
18
66
CS53-20A
20
75
CS56-24
24
10
0.5
75
1
1
Special Notes:
*Single phase, half sine wave in oil bath or filled epoxy at ambient temperature = 25°C.
**1/2 cycle, 60Hz at full load.
Storage and Operating Junction Temperature, Tj = -65°C to +150°C.
Packaging: Bulk or tape & reel available (please specify).
Reverse Recovery Time = 80nsec max. @ Ta = 25°C, IF =2mA, IR = 1 mA. (“A” type)
Reverse Recovery Time = 100nsec max. @ Ta = 25°C, IF =2mA, IR = 1 mA. (Non “A” type)
Collmer Semiconductor Inc.
Collmer Semiconductor Inc.
Collmer Semiconductor Inc.
Collmer Semiconductor Inc.
PO Box 702708 DALLAS, TEXAS 75370 PH 972/733-1700 FAX 972/380-2126
e-mail: sales@collmer.com / www.collmer.com
HV4
•••• October, 2000
1K
150K
100
0.01
µF
D.U.T.
To
Oscilloscope
VR
IF = 2mA
IR = 2mA
0
1mA
trr


Número de pieza similar - CS53-18A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
   RF COILS < SMD Type: CS Series>
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
More results

Descripción similar - CS53-18A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
DD300 SEMTECH-DD300 Datasheet
93Kb / 2P
   FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS
logo
Electronic devices inc.
RVF EDI-RVF Datasheet
45Kb / 2P
   FAST RECOVERY - HIGH VOLTAGE HIGH CURRENT SILICON RECTIFIERS
DL1200 EDI-DL1200 Datasheet
37Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
DR300 EDI-DR300 Datasheet
45Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
Bytes
R1200F BYTES-R1200F Datasheet
154Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
R1200F GWSEMI-R1200F Datasheet
68Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
R1500F DGNJDZ-R1500F Datasheet
283Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R3000F LRC-R3000F_15 Datasheet
339Kb / 7P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
R1200F JGD-R1200F Datasheet
128Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com