Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1113 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADS1113
Descripción Electrónicos  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1113 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1113_14 Datasheet HTML 3Page - Texas Instruments ADS1113_14 Datasheet HTML 4Page - Texas Instruments ADS1113_14 Datasheet HTML 5Page - Texas Instruments ADS1113_14 Datasheet HTML 6Page - Texas Instruments ADS1113_14 Datasheet HTML 7Page - Texas Instruments ADS1113_14 Datasheet HTML 8Page - Texas Instruments ADS1113_14 Datasheet HTML 9Page - Texas Instruments ADS1113_14 Datasheet HTML 10Page - Texas Instruments ADS1113_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
60
50
40
30
20
10
0
2.0
3.0
3.5
4.0
4.5
5.0
5.5
SupplyVoltage(V)
2.5
FS= 6.144V
±
(1)
FS= 2.048V
±
FS= 0.512, 0.256V
±
±
60
40
20
0
20
40
60
-
-
-
-
2.0
-
1.0
-
0.5
0
0.5
1.0
2.0
InputSignal(V)
-
1.5
+125°C
+25°C
-
°
40 C
1.5
FS= 2.048V
VDD=3.3V
DR=8SPS
BestFit
±
60
40
20
0
20
40
60
-
-
-
-
0.5
-
0.250 -0.125
0
0.125 0.250
0.5
InputSignal(V)
-
0.375
+125°C
+25°C
-
°
40 C
0.375
FS= 0.512V
VDD=3.3V
DR=8SPS
BestFit
±
60
40
20
0
20
40
60
-
-
-
-
2.0
-
1.0
-
0.5
0
0.5
1.0
2.0
InputVoltage(V)
-
1.5
1.5
FS= 2.048V
VDD=5V
DR=8SPS
BestFit
±
T = 40 C
-
°
A
T =+25 C
°
A
T =+125 C
°
A
60
40
20
0
20
40
60
-
-
-
-
0.5
-
0.3 -0.2 -0.1
0
0.1
0.5
InputVoltage(V)
-
0.4
0.4
FS= 0.512V
VDD=5V
DR=8SPS
BestFit
±
0.2
0.3
T =+25 C
°
A
T =+125 C
°
A
T = 40 C
-
°
A
VDD =2V
VDD =5V
140
120
100
80
60
40
20
0
-
60
-
40
-
20
0
20
40
60
80
100
120
140
Temperature( C)
°
VDD =3.3V
DR=8SPS
ADS1113
ADS1114
ADS1115
www.ti.com
SBAS444B – MAY 2009 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD = 3.3V, unless otherwise noted.
INL vs SUPPLY VOLTAGE(2)
INL vs INPUT SIGNAL
Figure 8.
Figure 9.
INL vs INPUT SIGNAL
INL vs INPUT SIGNAL
Figure 10.
Figure 11.
INL vs INPUT SIGNAL
INL vs TEMPERATURE
Figure 12.
Figure 13.
(2)
This parameter expresses the full-scale range of the ADC scaling. In no event should more than VDD + 0.3V be applied to this device.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Número de pieza similar - ADS1113_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results

Descripción similar - ADS1113_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com