Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1220 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADS1220
Descripción Electrónicos  Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1220 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1220_14 Datasheet HTML 3Page - Texas Instruments ADS1220_14 Datasheet HTML 4Page - Texas Instruments ADS1220_14 Datasheet HTML 5Page - Texas Instruments ADS1220_14 Datasheet HTML 6Page - Texas Instruments ADS1220_14 Datasheet HTML 7Page - Texas Instruments ADS1220_14 Datasheet HTML 8Page - Texas Instruments ADS1220_14 Datasheet HTML 9Page - Texas Instruments ADS1220_14 Datasheet HTML 10Page - Texas Instruments ADS1220_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CLK
DGND
AVSS
AIN3/REFN1
AIN0/REFP1
AVDD
DVDD
DRDY
ADS1220
www.ti.com
SBAS501A – MAY 2013 – REVISED JULY 2013
PIN CONFIGURATIONS
RVA PACKAGE
QFN-16
(TOP VIEW)
PIN DESCRIPTIONS (QFN PACKAGE)
ANALOG OR DIGITAL
NAME
PIN NO.
INPUT/OUTPUT
DESCRIPTION
CLK
1
Digital input
External clock source pin; connect to DGND if not used
DGND
2
Digital
Digital ground
AVSS
3
Analog
Negative analog power supply
AIN3/REFN1
4
Analog input
Differential or single-ended input; negative reference input
AIN2
5
Analog input
Differential or single-ended input
REFN0
6
Analog input
Negative reference input
REFP0
7
Analog input
Positive reference input
AIN1
8
Analog input
Differential or single-ended input
AIN0/REFP1
9
Analog input
Differential or single-ended input; positive reference input
AVDD
10
Analog
Positive analog power supply
DVDD
11
Digital
Positive digital power supply
DRDY
12
Digital output
Data ready; active low
DOUT/DRDY
13
Digital output
Serial data output combined with data ready; active low
DIN
14
Digital input
Serial data input
SCLK
15
Digital input
Serial clock input
CS
16
Digital input
Chip select; active low
Thermal pad
Thermal pad
Thermal power pad. Do not connect or only connect to AVSS.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS1220


Número de pieza similar - ADS1220_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
More results

Descripción similar - ADS1220_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
ADS1232 BURR-BROWN-ADS1232 Datasheet
166Kb / 10P
   Ultra Low-Noise, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1255 TI1-ADS1255 Datasheet
1,000Kb / 45P
[Old version datasheet]   Very Low Noise, 24-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1256 BURR-BROWN-ADS1256 Datasheet
427Kb / 39P
   Very Low Noise, 24-Bit Analog-to-Digital Converter
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com