Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS4242 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS4242
Descripción Electrónicos  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4242 Datasheet(HTML) 2 Page - Texas Instruments

  ADS4242 Datasheet HTML 1Page - Texas Instruments ADS4242 Datasheet HTML 2Page - Texas Instruments ADS4242 Datasheet HTML 3Page - Texas Instruments ADS4242 Datasheet HTML 4Page - Texas Instruments ADS4242 Datasheet HTML 5Page - Texas Instruments ADS4242 Datasheet HTML 6Page - Texas Instruments ADS4242 Datasheet HTML 7Page - Texas Instruments ADS4242 Datasheet HTML 8Page - Texas Instruments ADS4242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
LEAD/BALL
PACKAGE
ORDERING
PRODUCT
LEAD
DESIGNATOR
RANGE
ECO PLAN
(2)
FINISH
MARKING
NUMBER
TRANSPORT MEDIA
ADS4246IRGCT
Tape and reel
GREEN (RoHS, no
ADS4246
QFN-64
RGC
–40°C to +85°C
Cu/NiPdAu
AZ4246
Sb/Br)
ADS4246IRGCR
Tape and reel
ADS4245IRGCT
Tape and reel
GREEN (RoHS, no
ADS4245
QFN-64
RGC
–40°C to +85°C
Cu/NiPdAu
AZ4245
Sb/Br)
ADS4245IRGCR
Tape and reel
ADS4242IRGCT
Tape and reel
GREEN (RoHS, no
ADS4242
QFN-64
RGC
–40°C to +85°C
Cu/NiPdAu
AZ4242
Sb/Br)
ADS4242IRGCR
Tape and reel
ADS4226IRGCT
Tape and reel
GREEN (RoHS, no
ADS4226
QFN-64
RGC
–40°C to +85°C
Cu/NiPdAu
AZ4226
Sb/Br)
ADS4226IRGCR
Tape and reel
ADS4225IRGCT
Tape and reel
GREEN (RoHS, no
ADS4225
QFN-64
RGC
–40°C to +85°C
Cu/NiPdAu
AZ4225
Sb/Br)
ADS4225IRGCR
Tape and reel
ADS4222IRGCT
Tape and reel
GREEN (RoHS, no
ADS4222
QFN-64
RGC
–40°C to +85°C
Cu/NiPdAu
AZ4222
Sb/Br)
ADS4222IRGCR
Tape and reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and
free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more
information.
The ADS424x/422x are pin-compatible with the previous generation ADS62P49 family of data converters; this
architecture enables easy migration. However, there are some important differences between the two device
generations, summarized in Table 1.
Table 1. Migrating from the ADS62P49
ADS62P49 FAMILY
ADS424x/422x FAMILY
PINS
Pin 22 is NC (not connected)
Pin 22 is AVDD
Pins 38 and 58 are DRVDD
Pins 38 and 58 are NC (do not connect, must be floated)
Pins 39 and 59 are DRGND
Pins 39 and 59 are NC (do not connect, must be floated)
SUPPLY
AVDD is 3.3V
AVDD is 1.8V
DRVDD is 1.8V
No change
INPUT COMMON-MODE VOLTAGE
VCM is 1.5V
VCM is 0.95V
SERIAL INTERFACE
No change in protocol
Protocol: 8-bit register address and 8-bit register data
New serial register map
EXTERNAL REFERENCE
Supported
Not supported
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Número de pieza similar - ADS4242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS4242 TI1-ADS4242 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4242 TI1-ADS4242 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4242 TI-ADS4242 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4242 TI1-ADS4242 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4242 TI-ADS4242 Datasheet
492Kb / 15P
[Old version datasheet]   EVAL MODULE FOR ADS4242
Revised June 2013
More results

Descripción similar - ADS4242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com