Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV23S-13-F Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza BAV23S-13-F
Descripción Electrónicos  SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV23S-13-F Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV23S-13-F Datasheet HTML 1Page - Diodes Incorporated BAV23S-13-F Datasheet HTML 2Page - Diodes Incorporated BAV23S-13-F Datasheet HTML 3Page - Diodes Incorporated BAV23S-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV23A/C/S
Document number: DS30042 Rev. 15 - 2
2 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAV23A/C/S
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
141
V
Forward Continuous Current (Note 4)
IFM
400
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 100
μs
@ t = 10ms
IFSM
9.0
3.0
1.7
A
Repetitive Peak Forward Surge Current (Note 4)
IFRM
625
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 4)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
250
V
IR = 100μA
Forward Voltage
VF
1.0
V
IF = 100mA
1.25
IF = 200mA
Reverse Current (Note 5)
IR
100
nA
VR = 200V, TJ = 25°C
100
μA
VR = 200V, TJ = 150°C
Total Capacitance
CT
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
4. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
5. Short duration pulse test used to minimize self-heating effect.
0120
200
500
400
300
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve, Total Package
A
°
Note 4
200
100
40
80
160
0.001
0.01
0.1
1
0
0.4
0.2
0. 6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F
0.8
1.2
1.0
1.4


Número de pieza similar - BAV23S-13-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAV23S-13-F DIODES-BAV23S-13-F Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
BAV23S-13-F DIODES-BAV23S-13-F Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
More results

Descripción similar - BAV23S-13-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_11 Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
MMBD3004A DIODES-MMBD3004A_15 Datasheet
232Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
BAV23AQ DIODES-BAV23AQ Datasheet
373Kb / 5P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
August 2019 Rev. 2 - 2
BAS20DW DIODES-BAS20DW_15 Datasheet
90Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
BAV23A DIODES-BAV23A_15 Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
MMBD2004S DIODES-MMBD2004S_15 Datasheet
97Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
BAS21DWA DIODES-BAS21DWA Datasheet
388Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
January 2018 Rev. 9 - 2
MMBD3004A DIODES-MMBD3004A_16 Datasheet
325Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
BAS21TMQ DIODES-BAS21TMQ Datasheet
370Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
March 2018 Rev. 2 - 2
MMBD2004SW DIODES-MMBD2004SW_15 Datasheet
156Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com