Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUT11ATU Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza BUT11ATU
Descripción Electrónicos  High Voltage Power Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BUT11ATU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BUT11ATU Datasheet HTML 1Page - Fairchild Semiconductor BUT11ATU Datasheet HTML 2Page - Fairchild Semiconductor BUT11ATU Datasheet HTML 3Page - Fairchild Semiconductor BUT11ATU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. B1, August 2001
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter Saturation Voltage
Figure 4. Reverse Biased Safe OPerating Area
Figure 5. Safe Operating Area
Figure 6. Power Derating
0.01
0.1
1
10
1
10
100
1000
VCE = 5V
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
IC = 5 IB
VCE(sat)
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
IC = 5 IB
VBE(sat)
IC[A], COLLECTOR CURRENT
0
200
400
600
800
1000
1200
0
2
4
6
8
10
BUT11A
BUT11
VCE[V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
0.01
0.1
1
10
Ic MAX (Continuous)
BUT11A
BUT11
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
TC[
O
C], CASE TEMPERATURE


Número de pieza similar - BUT11ATU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUT11A PHILIPS-BUT11A Datasheet
96Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
logo
STMicroelectronics
BUT11A STMICROELECTRONICS-BUT11A Datasheet
66Kb / 4P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Fairchild Semiconductor
BUT11A FAIRCHILD-BUT11A Datasheet
42Kb / 4P
   High Voltage Power Switching Applications
logo
STMicroelectronics
BUT11A STMICROELECTRONICS-BUT11A Datasheet
77Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Inchange Semiconductor ...
BUT11A ISC-BUT11A Datasheet
162Kb / 3P
   isc Silicon NPN Power Transistor
More results

Descripción similar - BUT11ATU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BUT11F FAIRCHILD-BUT11F Datasheet
47Kb / 4P
   High Voltage Power Switching Applications
BUT12 FAIRCHILD-BUT12 Datasheet
29Kb / 3P
   High Voltage Power Switching Applications
KSC5405F FAIRCHILD-KSC5405F Datasheet
45Kb / 4P
   High Voltage Power Switching Applications
BUT11AFTU FAIRCHILD-BUT11AFTU Datasheet
52Kb / 4P
   High Voltage Power Switching Applications
BUT11 FAIRCHILD-BUT11 Datasheet
42Kb / 4P
   High Voltage Power Switching Applications
KSC5405 FAIRCHILD-KSC5405 Datasheet
39Kb / 4P
   High Voltage Power Switch Switching Applications
logo
Toshiba Semiconductor
2SD685 TOSHIBA-2SD685 Datasheet
228Kb / 3P
   IGNITER APPLICATIONS. HIGH VOLTAGE AND HIGH POWER SWITCHING APPLICATIONS.
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com