Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7922DN-T1 Datasheet(PDF) 10 Page - Vishay Siliconix

No. de pieza SI7922DN-T1
Descripción Electrónicos  Dual N-Channel 100-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7922DN-T1 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI7922DN-T1 Datasheet HTML 4Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 5Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 6Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 7Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 8Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 9Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 10Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 11Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
4
Document Number 71681
03-Mar-06
Vishay Siliconix
AN822
CONCLUSIONS
As a derivative of the PowerPAK SO-8, the PowerPAK
1212-8 uses the same packaging technology and has
been shown to have the same level of thermal perfor-
mance while having a footprint that is more than 40 %
smaller than the standard TSSOP-8.
Recommended PowerPAK 1212-8 land patterns are
provided to aid in PC board layout for designs using this
new package.
The PowerPAK 1212-8 combines small size with attrac-
tive thermal characteristics. By minimizing the thermal
rise above the board temperature, PowerPAK simplifies
thermal design considerations, allows the device to run
cooler, keeps rDS(ON) low, and permits the device to
handle more current than a same- or larger-size MOS-
FET die in the standard TSSOP-8 or SO-8 packages.
Figure 5. Spreading Copper - Si7401DN
45
55
65
75
85
95
105
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Spreading Copper (sq. in.)
100 %
50 %
0 %
Figure 6. Spreading Copper - Junction-to-Ambient Performance
50
60
70
80
90
100
110
120
130
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Spreading Copper (sq. in.)
100 %
0 %
50 %


Número de pieza similar - SI7922DN-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7922DN VISHAY-SI7922DN Datasheet
240Kb / 3P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7922DN VISHAY-SI7922DN Datasheet
60Kb / 5P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 04-Nov-02
SI7922DN VISHAY-SI7922DN Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7922DN VISHAY-SI7922DN Datasheet
541Kb / 12P
   Dual N-Channel 100-V (D-S) MOSFET
01-Jan-2022
SI7922DN VISHAY-SI7922DN_06 Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
More results

Descripción similar - SI7922DN-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5980DU VISHAY-SI5980DU Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 11-Jan-10
SI7942DP VISHAY-SI7942DP_06 Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7942DP VISHAY-SI7942DP Datasheet
89Kb / 6P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 03-Mar-03
logo
Analog Power
AM4990N ANALOGPOWER-AM4990N Datasheet
166Kb / 3P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SIS990DN VISHAY-SIS990DN Datasheet
568Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
Rev. A, 12-Aug-13
SIS990DN VISHAY-SIS990DN_V01 Datasheet
571Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI7252DP VISHAY-SI7252DP_V01 Datasheet
382Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA3104N VBSEMI-VBA3104N Datasheet
745Kb / 9P
   Dual N-Channel 100 V (D-S) MOSFET
VBA3108N VBSEMI-VBA3108N Datasheet
654Kb / 9P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4982DY VISHAY-SI4982DY Datasheet
40Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 26-May-03
SI7922DN VISHAY-SI7922DN_07 Datasheet
60Kb / 5P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 04-Nov-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com