Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB15-10B48LT Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

No. de pieza LB15-10B48LT
Descripción Electrónicos  AC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB15-10B48LT Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  LB15-10B48LT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AC/DC Converter
LB(05-25)-10BxxLT Series
2014.06.23-A/0
Page 6 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Vout
R1(KΩ)R2(KΩ)R3(KΩ)
Vref(V)
Vot(V)
3.3V
3.3
1.98
1
1.24
Output voltage
after regulation,
variation ≤ ±10%
5V
3.3
3.3
1
2.5
9V
7.5
2.87
1
2.5
12V
3.83
1
1
2.5
15V
7.5
1.5
1
2.5
24V
8.66
1
1
2.5
48V
68
3.73
1
2.5
4. For more information please find the application notes on www.mornsun-power.com
Dimensions and Recommended Layout
Dimensions (Unit: mm)
NO.
LB05
LB10
LB15
LB20
LB25
A
55.00
55.00
62.00
70.00
70.00
B
45.00
45.00
45.00
48.00
48.00
C
21.00
21.00
22.50
23.50
23.50
D
40.50
47.00
54.00
62.00
62.00
E
12.50
17.50
17.50
20.00
20.00
F
------
5.75
5.75
G
16.00
20.00
20.00
23.00
23.00
Models Weight
Weight
LB05
LB10
LB15
LB20
LB25
(Typ.)
70g
80g
85g
120g
120g
Pin Connection
Pin
LBxx-10BxxLT
1
2AC(N)
3AC(L)
4-Vo
5No Pin
6No Pin
7No Pin
8+Vo
Trim
Trim**
There is no pin “1”
on LB15-10BxxLT
Trim**: only for LB20/25-10BxxLT Series.


Número de pieza similar - LB15-10B48LT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
LB15-10B03 MORNSUN-LB15-10B03 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB15-10B03 MORNSUN-LB15-10B03 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB15-10B05 MORNSUN-LB15-10B05 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB15-10B05 MORNSUN-LB15-10B05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB15-10B12 MORNSUN-LB15-10B12 Datasheet
220Kb / 10P
   AC-DC CONVERTER
More results

Descripción similar - LB15-10B48LT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com