Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2415-Z Datasheet(PDF) 1 Page - NEC

No. de pieza 2SK2415-Z
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK2415-Z Datasheet(HTML) 1 Page - NEC

  2SK2415-Z Datasheet HTML 1Page - NEC 2SK2415-Z Datasheet HTML 2Page - NEC 2SK2415-Z Datasheet HTML 3Page - NEC 2SK2415-Z Datasheet HTML 4Page - NEC 2SK2415-Z Datasheet HTML 5Page - NEC 2SK2415-Z Datasheet HTML 6Page - NEC 2SK2415-Z Datasheet HTML 7Page - NEC 2SK2415-Z Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
DESCRIPTION
The 2SK2415 is N-Channel MOS Field Effect Transistor designed
for high voltage switching applications.
FEATURES
Low On-Resistance
RDS(on)1 = 0.10
Ω MAX. (@ VGS = 10 V, ID = 4.0 A)
RDS(on)2 = 0.15
Ω MAX. (@ VGS = 4 V, ID = 4.0 A)
Low Ciss
Ciss = 570 pF TYP.
QUALITY GRADE
Standard
Please refer to "Quality grade on NEC Semiconductor Devices" (Document
number IEI-1209) published by NEC Corporation to know the
specification of quality grade on the devices and its recommended applica-
tions.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID(DC)
±8.0
A
Drain Current (pulse)*
ID(pulse)
±32
A
Total Power Dissipation (Tc = 25 ˚C)
PT1
20
W
Total Power Dissipation (Ta = 25 ˚C)
PT2
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current**
IAS
8.0
A
Single Avalanche Energy**
EAS
6.4
mJ
*
PW
≤ 10
µs, Duty Cycle ≤ 1 %
** Starting Tch = 25
°C, RG = 25 Ω, VGS = 20 V → 0
Document No. D13207EJ1V1DS00 (1st edition)
(Previous No. TC-2496)
Date Published December 1997 N CP(K)
Printed in Japan
2SK2415, 2SK2415-Z
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
PACKAGE DIMENSIONS
(in millimeters)
The information in this document is subject to change without notice.
1994
1. Gate
2. Drain
3. Source
4. Fin (Drain)
6.5 ± 0.2
TO-251 (MP-3)
5.0 ± 0.2
2.3 ± 0.2
0.5 ± 0.1
0.6 ± 0.1
0.6 ± 0.1
1.3 MAX.
13
2.3 2.3
4
2
6.5 ± 0.2
5.0 ± 0.2
2.3 ± 0.2
0.5 ± 0.1
1.3 MAX.
2.3 2.3
1 2
3
4
0.9
MAX.
0.8
MAX.
0.8
1. Gate
2. Drain
3. Source
4. Fin (Drain)
Drain
Gate
Source
Body
Diode
Gate Protection
Diode
TO-252 (MP-3Z)


Número de pieza similar - 2SK2415-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2415-Z ISC-2SK2415-Z Datasheet
379Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
2SK2415-Z-E1-AZ VBSEMI-2SK2415-Z-E1-AZ Datasheet
1,002Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Descripción similar - 2SK2415-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com