Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS03-05B05KC Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

No. de pieza LS03-05B05KC
Descripción Electrónicos  3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-05B05KC Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LS03-05B05KC Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-05B05KC Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-05B05KC Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-05B05KC Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS03-05BXXKC
A/3-2012
Page 1 of 4
INPUT SPECIFICATIONS
Input voltage range
100~400VDC(85~264VAC)
Input current
40mA(Typ.)
Leakage current
None
External input fuse (recommended)
1A/250V
Slow-Blow
OUTPUT SPECIFICATIONS
Voltage set accuracy
±2%
Input variation
±0.5% (Typ)
Load variation (10%~100%)
±1% (Typ)
Ripple & noise(p-p)
(20MHz Bandwidth)
70mV(Typ)
Short circuit protection
Continuous, automatic resume
COMMON SPECIFICATIONS
Operating
-40℃~+85℃
(55℃~85
)
1.33%/ ℃
Power derating
(-25℃~0)
2%/
°C
Temperature ranges
Storage
-40℃~+105℃
Derating humidity
95%(Max.)
Storage humidity
85%(Max.)
Temperature coefficient
0.02%/℃
Switching frequency
100KHz(Max.)
frequency conversion
I/O-isolation voltage
2000VAC/1Min
1.1s and 550ms
(5V)
Start delay time
1.3s and 650ms
(12V)
115V and 230V
CE
CISPR22/EN55022
CLASS B(with typical applications Figure 3)
EMI
RE
CISPR22/EN55022
CLASS B(with typical applications Figure 3)
ESD
IEC/EN61000-4-2
Contact
±2KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
±2KV
(without external circuit)
perf. Criteria B
EMC
EMS
EFT
IEC/EN61000-4-4
±4KV
(with typical applications Figure 3)
perf. Criteria B
LS03-05BXXKC
Series
3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03 Series ----- are high efficiency green power modules with miniature
packaging provided by Mornsun. The features of this series are: wide input
voltage, DC and AC all in one, high efficiency, high reliability, low loss, safety
isolation etc. They are widely used in industrial, office and civil equipments, as well
as applications where no special requirement for EMC performance. For harsh
EMC environment, this series of products must use the refered application circuit.
PRODUCT FEATURES
1.
Wide input voltage:100 ~ 400VDC(85 ~ 264VAC)
2.
Short circuit protection
3.
High efficiency, high density
4.
Low loss, green power
5.
Industrial level specifications
PART NUMBER SYSTEM
Special Ma rk
pu t Volt a ge
Vo lt age
Out p ut Po wer
Out p ut Vo lt age
Outp ut Style
In
Isola tion
Package Style
Prod uct Se ries
LS03-05B05KC
SELECTION GUIDE
Model
Package
Power
Output (Vo/Io)
Ripple and Noise
(Max.)
Efficiency
(%)(Typ.)
Standby
Power (Max.)
LS03-05B05KC
2.5W
5V/500mA
69
0.4W
LS03-05B12KC
38.5
×22×11 mm
3W
12V/250mA
100 mV
73
0.4W


Número de pieza similar - LS03-05B05KC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results

Descripción similar - LS03-05B05KC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S_15 Datasheet
359Kb / 6P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LS03-05BY7S MORNSUN-LS03-05BY7S Datasheet
311Kb / 3P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
   AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com