Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA230PW Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

No. de pieza TA230PW
Descripción Electrónicos  Isolated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TA230PW Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TA230PW Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TA230PW Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TA230PW Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TA230PW Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TA230PW Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Isolated Transmitter
TAxxxPW series
2014.02.18-A/2
Page 2 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Output Specifications
Item
Operating Conditions
Control Area
Fault output
--
Output type
4~20mA
0~20mA
1~5V
0~5V
0~10V
2~10V
Break alarm signal
About 21mA
About 21mA
About 5.25V
About 5.25V
About 10.5V
About 10.5V
Normal operation
Corresponding channel red light off
Input over-range
Corresponding channel red lights often flicker (0~20mA/0~5V/0~10V of Input type is no such
funstion)
Break alarm
Red light of the corresponding channel input disconnection(red, Single-channel 1pcs,
Dual-channel 2pcs)
Load capacity
500Ω(Output current maximum)
1MΩ(Output voltage maximum)
Communication port
Mini USB port
Communication protocol See "MORNSUN Modbus Protocol Rules"
Transmission Specifications
Item
Operating Conditions
Value
Precision
Ta=25℃, Full-scale range,100% load
0.1%F.S.
Zero Offset
Ta=25℃, Sin =0,100% load
0.1%F.S.
Temperature Drift
Operating temperature range of -25 ~ +71℃
0.0035%F.S./ ℃
Response time
< 0.5s
General Specifications
Item
Operating Conditions
Value
Electrical Isolation
1Min leakage current ≤5mA
Field area and control area:2KVAC/3KVDC,1min,leakage current ≤5mA
Output and power supply,2KVAC/3KVDC,1min,leakage current ≤5mA
Insulation Resistance
Signal input port, signal output port
100MΩ,500VDC
Physical Specifications
Casing Material
PA66
Safety Class
IP20 (IEC60529 / EN60529)
Dimensions
35mm DIN-rail package: T-rail card package (DIN50022), pluggable connection pin, thickness 12.5mm
Weight
1 input 1 output: 100g;2 input 2 output & 1 input 2 output: 135g, typ
Cooling
Free convection
EMC Specifications
EMI
ConductedEmission
CISPR22/EN55022 CLASSA
Radiated Emission
CISPR22/EN55022 CLASSA
EMS
Electrostatic Discharge
IEC/EN61000-4-2 Contact ±4KV/Air ±8KV
perf. CriteriaB
Radiation Iimmunity
IEC/EN61000-4-3 10V/m
perf. CriteriaA
EFT
IEC/EN61000-4-4 power supply port ±2KV
perf. CriteriaB
IEC/EN61000-4-4 signal port ±1KV
perf. CriteriaB
EMS
Surge Immunity
IEC/EN61000-4-5 power supply port ±1KV/2KV
perf. CriteriaB
IEC/EN61000-4-5 signal port ±1KV (line-to-ground)
perf. CriteriaB
Conducted Disturbance Immunity
IEC/EN61000-4-6 3 Vr.m.s
perf. CriteriaA


Número de pieza similar - TA230PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA2300A TAI-SAW-TA2300A Datasheet
640Kb / 7P
   SAW Filter 427.5 MHz BW 5MHz SMD 3.0X3.0 mm
TA2301A TAI-SAW-TA2301A Datasheet
343Kb / 7P
   SAW Filter 2491.75 MHz
TA2302A TAI-SAW-TA2302A Datasheet
792Kb / 6P
   SAW Filter 1638 MHz
TA2303A TAI-SAW-TA2303A Datasheet
786Kb / 6P
   SAW Filter 1663 MHz
TA2304A TAI-SAW-TA2304A Datasheet
458Kb / 7P
   SAW Filter 1176.45 MHz
More results

Descripción similar - TA230PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
   Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com