Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC100PW Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

No. de pieza TC100PW
Descripción Electrónicos  Programmable Thermocouple isolators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC100PW Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  TC100PW Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC100PW Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC100PW Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC100PW Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCxxxPW
2013.06.07-A/1
Page 4 of 4
INSTALLATION & DISASSEMBLY
Installation
DIN35mm standard rail installation:
1.Insert the top of the instrument card in the rail;
2.Push the bottom of the instrument into the rail.
1
2
Disassembly
1. Insert a screwdriver between the bottom of the card lock and the rail;
2. Pull up the screwdriver and press the card lock downwards;
3. Pull the instrument out of the rail.
1
2
3
PACKAGING DIMENSION & PACKAGING DIAGRAM
Note:
1. All specifications are measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test setup and methods are based on our corporate standards.
3. All characteristics are for listed models, and non-standard models may perform differently. Please contact our technical support for more detail.
4. Contact us for your specific requirement.
5. Specifications are subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Número de pieza similar - TC100PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
More results

Descripción similar - TC100PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ELC-10JT ETC1-ELC-10JT Datasheet
116Kb / 2P
   THERMOCOUPLE TRANSMITTER (field-programmable)
logo
MORNSUN Science& Techno...
TR100PW MORNSUN-TR100PW Datasheet
579Kb / 4P
   Programmable Thermal Resistance Isolators
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
   Programmable Temperature Probes - Thermocouple and PT100 Assemblies
ITTUP100A CYNERGY3-ITTUP100A Datasheet
112Kb / 1P
   Programmable Temperature Probes - 1/4 NPT -Thermocouple and PT100 Assemblies
logo
TT Electronics.
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
   Thermocouple Connectors
logo
Pepperl+Fuchs Inc.
LB5002A PF-LB5002A Datasheet
569Kb / 3P
   Thermocouple Converter
2021-12-01
LB5005A PF-LB5005A Datasheet
657Kb / 3P
   Thermocouple Converter
2021-12-01
FB5205B3 PF-FB5205B3 Datasheet
843Kb / 4P
   Thermocouple Converter
FB5205B PF-FB5205B Datasheet
597Kb / 3P
   Thermocouple Converter
KFD0-TT-1 PF-KFD0-TT-1 Datasheet
896Kb / 5P
   Thermocouple Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com