Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMAJ60CA Datasheet(PDF) 3 Page - Diodes Incorporated |
|
SMAJ60CA Datasheet(HTML) 3 Page - Diodes Incorporated |
3 / 5 page SMAJ5.0(C)A – SMAJ200(C)A Document number: DS19005 Rev. 16 - 2 3 of 5 www.diodes.com January 2012 © Diodes Incorporated SMAJ5.0(C)A – SMAJ200(C)A 10 X 1000 Waveform as defined by REA 0 25 50 75 100 125 150 175 200 100 75 50 25 0 T , AMBIENT TEMPERATURE ( C) Fig. 1 Pulse Derating Curve A ° 10 100 1,000 10,000 1 10 100 1,000 V , STANDOFF VOLTAGE (V) Fig. 2 Typical Total Capacitance WM T = 25 C J ° Unidirectional Bidirectional Measured at f = 1MHz 1.0Vrms dc signal Bias = 0V 0.1 1.0 0.1 10 100 1.0 10 1,000 10,000 T = 25 C j ° 100 Non repetitive pulse waveform shown in Fig. 4 t, TIME (ms) Fig. 4 Pulse Waveform 0 60 50 40 30 20 10 2 5 10 NUMBER OF CYCLES AT 60Hz Fig. 5 Maximum Non-Repetitive Surge Current 20 50 100 1 0.0 0.2 0.4 0.6 0 25 50 75 100 125 150 175 200 T , LEAD TEMPERATURE ( C) Fig. 6 Steady State Power Derating Curve L ° 0.8 1.0 |
Número de pieza similar - SMAJ60CA |
|
Descripción similar - SMAJ60CA |