Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM8333 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM8333
Descripción Electrónicos  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM8333 Datasheet(HTML) 4 Page - Texas Instruments

  LM8333_14 Datasheet HTML 1Page - Texas Instruments LM8333_14 Datasheet HTML 2Page - Texas Instruments LM8333_14 Datasheet HTML 3Page - Texas Instruments LM8333_14 Datasheet HTML 4Page - Texas Instruments LM8333_14 Datasheet HTML 5Page - Texas Instruments LM8333_14 Datasheet HTML 6Page - Texas Instruments LM8333_14 Datasheet HTML 7Page - Texas Instruments LM8333_14 Datasheet HTML 8Page - Texas Instruments LM8333_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM8333
SNLS246J – SEPTEMBER 2006 – REVISED MAY 2010
www.ti.com
SIGNAL DESCRIPTIONS
Name
32 Pins
49 Pins
I/O
Description
WAKE_IN0
29
D7
Input
Wake-up input/Keyboard scanning input 0
WAKE_IN1
30
C7
Input
Wake-up input/Keyboard scanning input 1
WAKE_IN2
27
E7
Input
Wake-up input/Keyboard scanning input 2
WAKE_IN3
28
D6
Input
Wake-up input/Keyboard scanning input 3
WAKE_IN4
31
B6
Input
Wake-up input/Keyboard scanning input 4
WAKE_IN5
32
A7
Input
Wake-up input/Keyboard scanning input 5
WAKE_IN6
1
A6
Input
Wake-up input/Keyboard scanning input 6
WAKE_IN7
2
B5
Input
Wake-up input/Keyboard scanning input 7
K_OUT0
21
G3
Output
Keyboard scanning output 0
K_OUT1
22
F4
Output
Keyboard scanning output 1
K_OUT2
23
G4
Output
Keyboard scanning output 2
K_OUT3
24
G5
Output
Keyboard scanning output 3
K_OUT4
3
A5
Output
Keyboard scanning output 4
K_OUT5
4
B4
Output
Keyboard scanning output 5
K_OUT6
5
A4
Output
Keyboard scanning output 6
K_OUT7
6
A3
Output
Keyboard scanning output 7
GEN_IO_0
12
D2
I/O
General-purpose I/O 0
GEN_IO_1
13
D1
I/O
General-purpose I/O 1
GEN_IO_2
7
B3
I/O
General-purpose I/O 2
GEN_IO_3
8
A2
I/O
General-purpose I/O 3
SDA
25
F7
I/O
ACCESS.bus data signal
SCL
26
E6
Input
ACCESS.bus clock signal
IRQ
17
F2
Output
Interrupt request output
PWM
16
F1
Output
Pulse-width modulated output
WD_OUT
18
G1
Output
Watchdog timer output (connect to RESET input)
RESET
20
F3
Input
Reset input
CLK_IN
11
B1
Input
Clock input (connect to ground through a 68k ohm resistor)
VCC
15
E1, E2
n.a.
Vcc
GND
9, 10, 14
A1, B2, C3,
n.a.
Ground
C4, C5, D3,
D4, D5, E3,
E4, E5
NC
19
B7, C1, C2,
n.a.
No connect
C6, F5, F6,
G2, G6, G7
4
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Links: LM8333


Número de pieza similar - LM8333_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM8333FLQ8X NSC-LM8333FLQ8X Datasheet
620Kb / 18P
   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8333FLQ8X/NOPB TI1-LM8333FLQ8X/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
logo
National Semiconductor ...
LM8333FLQ8Y NSC-LM8333FLQ8Y Datasheet
620Kb / 18P
   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8333FLQ8Y/NOPB TI1-LM8333FLQ8Y/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
logo
National Semiconductor ...
LM8333GGR8 NSC-LM8333GGR8 Datasheet
620Kb / 18P
   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results

Descripción similar - LM8333_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8322 NSC-LM8322 Datasheet
897Kb / 42P
   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8333 TI1-LM8333 Datasheet
1Mb / 26P
[Old version datasheet]   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
[Old version datasheet]   LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
[Old version datasheet]   LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327_14 Datasheet
1Mb / 65P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1_13 Datasheet
1Mb / 57P
[Old version datasheet]   LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com