Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH0002 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMH0002
Descripción Electrónicos  SMPTE 292M / 259M Serial Digital Cable Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0002 Datasheet(HTML) 2 Page - Texas Instruments

  LMH0002 Datasheet HTML 1Page - Texas Instruments LMH0002 Datasheet HTML 2Page - Texas Instruments LMH0002 Datasheet HTML 3Page - Texas Instruments LMH0002 Datasheet HTML 4Page - Texas Instruments LMH0002 Datasheet HTML 5Page - Texas Instruments LMH0002 Datasheet HTML 6Page - Texas Instruments LMH0002 Datasheet HTML 7Page - Texas Instruments LMH0002 Datasheet HTML 8Page - Texas Instruments LMH0002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LMH0002
SNLS215E – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage:
−0.5V to 3.6V
Input Voltage (all inputs)
−0.3V to VCC+0.3V
Output Current
28 mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
Lead Temperature (Soldering 4 Sec)
+260°C
Package Thermal Resistance
θJA 8-pin SOIC
+160°C/W
θJA 16-pin WQFN
+78.9°C/W
θJC 8-pin SOIC
+105°C/W
θJC 16-pin WQFN
+42.7°C/W
ESD Rating (HBM)
5kV
ESD Rating (MM)
250V
(1)
"Absolute Maximum Ratings" are those parameter values beyond which the life and operation of the device cannot be ensured. The
stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values.
The table of Electrical Characteristics specifies acceptable device operating conditions.
Recommended Operating Conditions
Supply Voltage (VCC – VEE):
3.3V ±5%
Operating Free Air Temperature (TA)
LMH0002MA
0°C to +70°C
LMH0002TMA and LMH0002SQ
−40°C to +85°C
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0002


Número de pieza similar - LMH0002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
495Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
247Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002 TI-LMH0002 Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002 Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
More results

Descripción similar - LMH0002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
logo
National Semiconductor ...
LMH0202_0606 NSC-LMH0202_0606 Datasheet
503Kb / 6P
   Dual SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI1-LMH0002MA Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com