Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC1F3304 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza LC1F3304
Descripción Electrónicos  TeSys??IEC-Style Contactors and Starters
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F3304 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LC1F3304 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1F3304 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1F3304 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1F3304 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1F3304 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC1F3304 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC1F3304 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC1F3304 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC1F3304 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 252 page
background image
TeSys™ IEC-Style Contactors and Starters Selection Guide
Technical Information: Product Standards
© 2001-2004 Schneider Electric All Rights Reserved
4
01/04
Technical Information: Product Standards
Conformity to Standards
The Telemecanique D-Line, F-line, and K-line contactors, overload relays and accessories satisfy most
national, European, and international standards for promoting worldwide product acceptance. These
product standards precisely define the performance of the designated products (such as IEC 60947 for
low voltage equipment).
When used correctly, as designated by the manufacturer and in accordance with the regulations and
rules of the art, these products will allow assembled equipment, machine systems or installations to
conform to their appropriate standards (for example: IEC 60204, relating to electrical equipment used
on industrial machines).
Telemecanique is able to provide proof of conformity of its production, in accordance with the standards
selected by ourselves, due to our quality assurance system. On request, and depending on the situation,
Telemecanique can provide the following:
• A declaration of conformity.
• A certificate of conformity (ASEFA/LOVAG).
• An approval certificate or agreement, in the countries where this procedure is required or for
particular specifications, such as those existing in the merchant marine.
European EN Standards
This is a group of technical specifications established in conjunction with, and approval of, the relative
bodies within the various CENELEC member countries (EEC and EFTA). Arrived at by the principal of
consensus, the European standards are the result of a majority vote. Such adopted standards are then
integrated into the national collection of standards, and contradictory national standards are withdrawn.
The European standards are now incorporated within the French standards and carry the prefix NF EN.
Under the “Technical Union of Electricity” (UTE), the French version of the corresponding European
standard carries a double notation: European reference (NF EN …) and classification (C …).
In addition, the standard NF EN 60947-4-1 relating to motor contactors and starters, effectively
constitutes the French version of the European standard EN 60947-4-1 and carries the UTE
classification C 63-110. This standard is identical to the British standard BS EN 60947-4-1 and the
German standard DIN VDE 0660 Teil 102. Whenever reasonably practical, European standards reflect
international standards (IEC).
For automation system components and distribution equipment, Telemecanique supplements the
requirements of the French NF standards with those necessary for all other major industrial countries.
European Directives
The opening of the European market assumes a harmonization of the regulations pertaining to each
member country of the European Community. The purpose of the European Directive is the elimination
of obstacles hindering the free circulation of goods within the European Community, and its application
applies to each member country.
Member countries are obliged to transcribe each Directive into their national legislation and to
simultaneously withdraw any contradictory regulation. The Directives, in particular those of a technical
content concerning us here, only establish the objectives to be obtained and are referred to as “essential
requirements.”
Code
Standards Body - Name
Abbreviation
Country
ANSI
American National Standards Institute
ANSI
USA
BS
British Standards Institution
BSI
Great Britain
CEI
Comitato Electtrotechnico Italiano
CEI
Italy
DIN/VDE
Verband Deutscher Electrotechniker
VDE
Germany
EN
Comité Européen de Normalisation Electrotechnique
CENELEC
Europe
GOST
Gosudarstvenne Komitet Standartov
GOST
Russia
IEC
International Electrotechnical Commission
IEC
Worldwide
JIS
Japanese Industrial Standard
JISC
Japan
NBN
Institut Belge de Normalisation
IBN
Belgium
NEN
Nederlands Normalisatie Institut
NNI
Netherlands
NFC
Union Technique de l'Electricité
UTE
France
SAA
Standards Association of Australia
SAA
Australia
UNE
Instituto Nacional de Racionalizacion y Normalizacion
IRANOR
Spain


Número de pieza similar - LC1F3304

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
LC1F3304BD SCHNEIDER-LC1F3304BD Datasheet
148Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 400 A - coil 24 V DC
More results

Descripción similar - LC1F3304

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
List of Unclassifed Man...
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com