Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CDBT0230-HF Datasheet(Hoja de datos) 1 Page - Comchip Technology

No. de Pieza. CDBT0230-HF
Descripción  Small Signal Schottky Diodes
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo 

   
 1 page
background image
Small Signal Schottky Diodes
Reverse Voltage: 30 Volts
Forward Current: 200 mA
RoHS Device
Page 1
REV: A
Features
-Small suface mounting type.
-Low IR.(IR=10uA Typ.)
-High reliability.
Mechanical data
-Case: SOT-23, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
Circuit diagram
CDBT0230-HF
Maximum Ratings and Electrical Characteristics
(at Ta=25 °C unless otherwise noted)
Dimensions in inches and (millimeter)
QW-JA003
Comchip Technology CO., LTD.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Maximum instantaneous forward voltage at IF=0.2A
Typical junction capacitance between terminal (Note 1)
Maximum operating temperature range
Storage temperature range
Units
Symbol
Parameter
VRRM
VRMS
VDC
IO
IFSM
VF
CJ
TJ
TSTG
SOT-23
3
1
2
0.119(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.083(2.10)
0.066(1.70)
0.045(1.15)
0.033(0.85)
0.019(0.50)
0.018(0.30)
0.007(0.177)
0.002(0.050)
0.103(2.64)
0.086(2.20)
Value
30
21
30
0.2
3.0
0.5
40
-55 to +125
-55 to +125
V
V
V
A
A
V
pF
°C
°C
Peak forward surge current at 8.3m sec
single half sine-wave
Maximum average reverse current at VR(1)=30V
IR(1)
5
uA
Maximum average reverse current at VR(2)=10V
IR(2)
1
uA
Comchip
S M D D i o d e S p e c i a l i s t
Halogen Free
Notes: 1. Measured at 1.0MHZ and 0 reverse bias voltage.
2. ESD sensitive product handing required.
(1)
(3)
(2)




Html Pages

1  2  3  4 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl