Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6133A2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6133A2
Descripción Electrónicos  138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6133A2 Datasheet(HTML) 3 Page - Texas Instruments

  TPA6133A2 Datasheet HTML 1Page - Texas Instruments TPA6133A2 Datasheet HTML 2Page - Texas Instruments TPA6133A2 Datasheet HTML 3Page - Texas Instruments TPA6133A2 Datasheet HTML 4Page - Texas Instruments TPA6133A2 Datasheet HTML 5Page - Texas Instruments TPA6133A2 Datasheet HTML 6Page - Texas Instruments TPA6133A2 Datasheet HTML 7Page - Texas Instruments TPA6133A2 Datasheet HTML 8Page - Texas Instruments TPA6133A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1
2
3
4
5
6
7
8
9
10
15
14
13
12
11
20
19
18
17
16
Top View
LEFTINM
LEFTINP
GND
RIGHTINP
RIGHTINM
HPRIGHT
VDD
GND
HPLEFT
CPVSS
Top View QFN Package (RTJ)
TPA6133A2
www.ti.com
SLOS821 – JUNE 2013
RJT PACKAGE
(Top VIEW)
PIN FUNCTIONS
PIN
INPUT,
OUTPUT,
DESCRIPTION
NAME
PIN QFN
POWER
Charge pump voltage supply. VDD must be connected to the common VDD voltage
VDD
20
P
supply. Decouple to GND (pin 19 ) with its own 1
μF capacitor.
Charge pump ground. GND must be connected to common supply GND. It is
GND
19
P
recommended that this pin be decoupled to the VDD of the charge pump pin (pin 20 on
the QFN).
Charge pump flying capacitor positive terminal. Connect one side of the flying capacitor
CPP
18
P
to CPP.
Charge pump flying capacitor negative terminal. Connect one side of the flying
CPN
17
P
capacitor to CPN.
Left channel negative differential input. Impedance must be matched to LEFTINP.
LEFTINM
1
I
Connect the left input to LEFTINM when using single-ended inputs.
Left channel positive differential input. Impedance must be matched to LEFTINM. AC
LEFTINP
2
I
ground LEFTINP near signal source while maintaining matched impedance to
LEFTINM when using single-ended inputs.
Negative supply generated by the charge pump. Decouple to pin 19 or a GND plane.
CPVSS
15, 16
P
Use a 1
μF capacitor.
HPLEFT
14
O
Headphone left channel output. Connect to left terminal of headphone jack.
Right channel negative differential input. Impedance must be matched to RIGHTINP.
RIGHTINM
5
I
Connect the right input to RIGHTINM when using single-ended inputs.
Right channel positive differential input. Impedance must be matched to RIGHTINM.
RIGHTINP
4
I
AC ground RIGHTINP near signal source while maintaining matched impedance to
RIGHTINM when using single-ended inputs.
Analog ground. Must be connected to common supply GND. It is recommended that
GND
3, 9, 10, 13
P
this pin be used to decouple VDD for analog. Use pin 13 to decouple pin 12 on the QFN
package.
Analog VDD. VDD must be connected to common VDD supply. Decouple with its own 1-
VDD
12
P
μF capacitor to analog ground (pin 13).
SD
6
I
Shutdown. Active low logic. 5V tolerant input.
Copyright © 2013, Texas Instruments Incorporated
3
Product Folder Links: TPA6133A2


Número de pieza similar - TPA6133A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2RTJR TI1-TPA6133A2RTJR Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2RTJR TI1-TPA6133A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2RTJR TI1-TPA6133A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results

Descripción similar - TPA6133A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com