Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1E10B06 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPD1E10B06
Descripción Electrónicos  Single Channel ESD Protection Device in 0402 Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06 Datasheet(HTML) 1 Page - Texas Instruments

  TPD1E10B06_14 Datasheet HTML 1Page - Texas Instruments TPD1E10B06_14 Datasheet HTML 2Page - Texas Instruments TPD1E10B06_14 Datasheet HTML 3Page - Texas Instruments TPD1E10B06_14 Datasheet HTML 4Page - Texas Instruments TPD1E10B06_14 Datasheet HTML 5Page - Texas Instruments TPD1E10B06_14 Datasheet HTML 6Page - Texas Instruments TPD1E10B06_14 Datasheet HTML 7Page - Texas Instruments TPD1E10B06_14 Datasheet HTML 8Page - Texas Instruments TPD1E10B06_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TPD1E10B06
www.ti.com
SLLSEB1B – FEBRUARY 2012 – REVISED OCTOBER 2012
Single Channel ESD Protection Device in 0402 Package
Check for Samples: TPD1E10B06
1
FEATURES
APPLICATIONS
Provides System Level ESD Protection for
Cell Phones
Low-voltage IO Interface
eBook
IEC 61000-4-2 Level 4
Portable Media Players
> ±30kV (Air-Gap Discharge),
Digital Camera
> ±30kV (Contact Discharge)
Set-top-box
IEC 61000-4-5 (Surge): 6A (8/20µs)
Printers
IO Capacitance 12pF (Typ)
Handheld Electronics
RDYN 0.4Ω (Typ)
DEVICE CONFIGURATION
DC Breakdown Voltage ±6V (Min)
Ultra Low Leakage Current 100nA (Max)
10V Clamping Voltage (Max at IPP = 1A)
Industrial Temperature Range: –40°C to 125°C
Space Saving 0402 Footprint
(1mm x 0.6mm x 0.5mm)
DESCRIPTION
The TPD1E10B06 is a single channel ESD protection device in a small 0402 package. The device offers over
±30KV IEC air-gap, over ±30KV contact ESD protection, and has an ESD clamp circuit with a back-to-back diode
for bipolar or bidirectional signal support. The 10pF line capacitance is suitable for a wide range of applications
supporting data rates up to 400Mbps. Typical application areas of the TPD1E10B06 include audio lines
(microphone, earphone and speakerphone), SD interfacing, keypad or other buttons, and VBUS pins of USB
ports (ID).
The 0402 package is industry standard and convenient for component placement in space saving applications.
The TPD1E10B06 is characterized for operation over ambient air temperature of –40°C to 125°C.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
10000
Tape and reel
TPD1E10B06DPYR
B_
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPD1E10B06_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
More results

Descripción similar - TPD1E10B06_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
   PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
logo
AMAZING Microelectronic...
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
AZ5423-01F AMAZING-AZ5423-01F Datasheet
280Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/09/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com