Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-7840-560E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-7840-560E
Descripción Electrónicos  Isolation Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7840-560E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7840-560E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Description
The HCPL-7840 isolation amplifier family was designed
for current sensing in electronic motor drives. In a typical
implementation, motor currents flow through an external
resistor and the resulting analog voltage drop is sensed by
the HCPL-7840. A differential output voltage is created on
the other side of the HCPL-7840 optical isolation barrier.
This differential output voltage is proportional to the
motor current and can be converted to a single-ended
signal by using an op-amp as shown in the recommended
application circuit. Since common-mode voltage swings
of several hundred volts in tens of nanoseconds are
common in modern switching inverter motor drives, the
HCPL-7840 was designed to ignore very high common-
mode transient slew rates (of at least 10 kV/μs).
The high CMR capability of the HCPL-7840 isolation
amplifier provides the precision and stability needed to
accurately monitor motor current in high noise motor
control environ-ments, providing for smoother control
(less “torque ripple”) in various types of motor control
applications.
The product can also be used for general analog signal
isolation applications requiring high accuracy, stability,
and linearity under similarly severe noise con-ditions. For
general applications, we recommend the HCPL-7840 (gain
tolerance of ± 5%). The HCPL-7840 utilizes sigma delta
(∑-Δ) analog-to-digital converter technology, chopper
stabilized amplifiers, and a fully differential circuit topol-
ogy fabricated using Avago’s 0.8 μm CMOS IC process.
Together, these features deliver unequaled isolation-
mode noise rejection, as well as excellent offset and gain
accuracy and stability over time and temperature. This
performance is delivered in a compact, auto-insertable,
industry standard 8-pin DIP package that meets world-
wide regulatory safety standards. (A gull-wing surface
mount option #300 is also available).
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
1
2
3
4
8
7
6
5
IDD1
VDD1
VIN+
VIN–
GND1
IDD2
VDD2
VOUT+
VOUT–
GND2
+
+
SHIELD
HCPL-7840
Isolation Amplifier
Data Sheet
Features
 15 kV/μs common-mode rejection at V
CM
= 1000 V
 Compact, auto-insertable standard 8-pin DIP package
 0.00025 V/V/°C gain drift vs. temperature
 0.3 mV input offset voltage
 100 kHz bandwidth
 0.004% nonlinearity
 Worldwide safety approval:
UL 1577 (3750 Vrms/1 min.)
and CSA, IEC/EN/DIN EN 60747-5-2
 Advanced Sigma-Delta (∑-Δ) A/D converter technol-
ogy
 Fully differential circuit topology
 0.8 μm CMOS IC technology
Applications
 Motor phase and rail current sensing
 Inverter current sensing
 Switched mode power supply signal isolation
 General purpose current sensing and monitoring
 General purpose analog signal isolation
Functional Diagram
A 0.1 μF bypass capacitor must be connected
between pins 1 and 4 and between pins 5 and 8.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Número de pieza similar - HCPL-7840-560E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
More results

Descripción similar - HCPL-7840-560E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
   Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Rohm
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
logo
New Japan Radio
NJM2505AF-TE1 NJRC-NJM2505AF-TE1 Datasheet
384Kb / 9P
   SINGLE ISOLATION AMPLIFIER
NJM2505AF-TE1 NJRC-NJM2505AF-TE1 Datasheet
384Kb / 9P
   SINGLE ISOLATION AMPLIFIER
logo
Rohm
BA3121F ROHM-BA3121F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-300E AVAGO-ACPL-782T-300E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler Isolation
ACPL-782T-000E AVAGO-ACPL-782T-000E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler??Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com