Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2621 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LM2621
Descripción Electrónicos  Low Input Voltage, Step-Up DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2621 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2621_14 Datasheet HTML 2Page - Texas Instruments LM2621_14 Datasheet HTML 3Page - Texas Instruments LM2621_14 Datasheet HTML 4Page - Texas Instruments LM2621_14 Datasheet HTML 5Page - Texas Instruments LM2621_14 Datasheet HTML 6Page - Texas Instruments LM2621_14 Datasheet HTML 7Page - Texas Instruments LM2621_14 Datasheet HTML 8Page - Texas Instruments LM2621_14 Datasheet HTML 9Page - Texas Instruments LM2621_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM2621
SNVS033C – MAY 2004 – REVISED MARCH 2005
www.ti.com
Figure 2. Functional Diagram
GATED OSCILLATOR CONTROL SCHEME
A unique gated oscillator control scheme enables the LM2621 to have an ultra-low quiescent current and
provides a high efficiency over a wide load range. The switching frequency of the internal oscillator is
programmable using an external resistor and can be set between 300 kHz and 2 MHz.
This control scheme uses a hysteresis window to regulate the output voltage. When the output voltage is below
the upper threshold of the window, the LM2621 switches continuously with a fixed duty cycle of 70% at the
switching frequency selected by the user. During the first part of each switching cycle, the internal N-channel
MOSFET switch is turned on. This causes the current to ramp up in the inductor and store energy. During the
second part of each switching cycle, the MOSFET is turned off. The voltage across the inductor reverses and
forces current through the diode to the output filter capacitor and the load. Thus when the LM2621 switches
continuously, the output voltage starts to ramp up. When the output voltage hits the upper threshold of the
window, the LM2621 stops switching completely. This causes the output voltage to droop because the energy
stored in the output capacitor is depleted by the load. When the output voltage hits the lower threshold of the
hysteresis window, the LM2621 starts switching continuously again causing the output voltage to ramp up
towards the upper threshold. Figure 3 shows the switch voltage and output voltage waveforms.
Because of this type of control scheme, the quiescent current is inherently very low. At light loads the gated
oscillator control scheme offers a much higher efficiency compared to the conventional PWM control scheme.
Figure 3. Typical Step-Up Regulator Waveforms
6
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2621


Número de pieza similar - LM2621_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
More results

Descripción similar - LM2621_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com