Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3102 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3102
Descripción Electrónicos  SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3102 Datasheet(HTML) 5 Page - Texas Instruments

  LM3102 Datasheet HTML 1Page - Texas Instruments LM3102 Datasheet HTML 2Page - Texas Instruments LM3102 Datasheet HTML 3Page - Texas Instruments LM3102 Datasheet HTML 4Page - Texas Instruments LM3102 Datasheet HTML 5Page - Texas Instruments LM3102 Datasheet HTML 6Page - Texas Instruments LM3102 Datasheet HTML 7Page - Texas Instruments LM3102 Datasheet HTML 8Page - Texas Instruments LM3102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM3102
www.ti.com
SNVS515G – SEPTEMBER 2007 – REVISED JANUARY 2012
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 18V, VOUT = 3.3V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, VCC
VCC
VCC output voltage
CCC = 680nF, no load
5.0
6.0
7.2
V
VIN - VCC
VIN - VCC dropout voltage
ICC = 2mA
50
200
mV
ICC = 20mA
350
570
IVCCL
VCC current limit (Note 4)
VCC = 0V
40
65
mA
VCC-UVLO
VCC under-voltage lockout threshold
VIN increasing
3.6
3.75
3.9
V
(UVLO)
VCC-UVLO-HYS
VCC UVLO hysteresis
VIN decreasing – TSSOP
130
mV
package
VCC-UVLO-HYS
VCC UVLO hysteresis
VIN decreasing – μSMD
150
mV
package
tVCC-UVLO-D
VCC UVLO filter delay
3
µs
IIN
IIN operating current
No switching, VFB = 1V
0.7
1
mA
IIN-SD
IIN operating current, Device shutdown
VEN = 0V
25
40
µA
Switching Characteristics
RDS-UP-ON
Main MOSFET RDS(on)
0.18
0.375
RDS- DN-ON
Syn. MOSFET RDS(on)
0.11
0.225
VG-UVLO
Gate drive voltage UVLO
VBST - VSW increasing
3.3
4
V
Soft-start
ISS
SS pin source current
VSS = 0.5V
6
8
10
µA
Current Limit
ICL
Syn. MOSFET current limit threshold
LM3102
2.7
A
ICL
Syn. MOSFET current limit threshold
LM3102TLX–1
1.5
A
ON/OFF Timer
ton
ON timer pulse width
VIN = 10V, RON = 100 kΩ
1.38
µs
VIN = 30V, RON = 100 kΩ
0.47
ton-MIN
ON timer minimum pulse width
150
ns
toff
OFF timer pulse width
260
ns
Enable Input
VEN
EN Pin input threshold
VEN rising
1.13
1.18
1.23
V
VEN-HYS
Enable threshold hysteresis
VEN falling
90
mV
Regulation and Over-Voltage Comparator
VFB
In-regulation feedback voltage
VSS ≥ 0.8V
0.784
0.8
0.816
V
TJ = −40°C to +125°C
VSS ≥ 0.8V
0.788
0.812
TJ = 0°C to +125°C
VFB-OV
Feedback over-voltage threshold
0.888
0.920
0.945
V
IFB
5
nA
Thermal Shutdown
TSD
Thermal shutdown temperature
TJ rising
165
°C
TSD-HYS
Thermal shutdown temperature
TJ falling
20
°C
hysteresis
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3102


Número de pieza similar - LM3102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3102 TI-LM3102 Datasheet
1Mb / 30P
[Old version datasheet]   LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
LM3102-Q1 TI-LM3102-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3102MH NSC-LM3102MH Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3102MH/NOPB TI-LM3102MH/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
More results

Descripción similar - LM3102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com