Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3464 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3464
Descripción Electrónicos  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3464 Datasheet(HTML) 5 Page - Texas Instruments

  LM3464 Datasheet HTML 1Page - Texas Instruments LM3464 Datasheet HTML 2Page - Texas Instruments LM3464 Datasheet HTML 3Page - Texas Instruments LM3464 Datasheet HTML 4Page - Texas Instruments LM3464 Datasheet HTML 5Page - Texas Instruments LM3464 Datasheet HTML 6Page - Texas Instruments LM3464 Datasheet HTML 7Page - Texas Instruments LM3464 Datasheet HTML 8Page - Texas Instruments LM3464 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM3464, LM3464A
www.ti.com
SNVS652E – APRIL 2010 – REVISED JUNE 2011
Electrical Characteristics (LM3464/LM3464A) (continued)
Specification with standard type are for TA = TJ = +25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum are specified through test, design or statistical correlation. Typical values
represent the most likely parametric norm at TJ = +25°C, and are provided for reference purposes only. Unless otherwise
stated the following conditions apply: VIN = 48V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IEN-MAX
EN pin internal pull current
VEN = 0V
7.2
11
14.7
uA
Analog Dimming Control Interface
VCTHM-MAX
Sawtooth max. voltage threshold at
2.95
3.25
3.3
V
Thermal_Cap pin
100% output duty cycle
VCTHM-MIN
Sawtooth min. voltage threshold at
0.325
0.4
0.493
V
Thermal_Cap pin
0% output duty cycle
ICTHM
Thermal_Cap pin output current
38.9
50
61
uA
PWM Dimming Control Interface
VDIM-LED-ON
DIM pin voltage threshold at LED ON
VDMIN = 0V
1.19
V
VTHERMAL = VCC
VDIM-LED-OFF
DIM pin voltage threshold at LED OFF
VDMIN = 0V
1.3
V
VTHERMAL = VCC
Dynamic Headroom Control Output
VOutP-MAX
OutP pin max. output voltage
VCC-0.5
V
VOutP-MIN
OutP pin min. output voltage
IoutP = 1 mA current sink
0.3
V
VLEDFB-LED-ON
VLedFB pin voltage threshold at LED ON
2.4
2.5
2.58
V
VLEDFB-SYS-RST
System restart VLedFB pin voltage threshold for
Measure at VLedFB pin
1.2
V
system restart
LED Current Regulator
VGDx-MAX
GDx gate driver max. output voltage
4.73
VCC–1
V
VGDx-MIN
GDx gate driver min. output voltage
0.115
0.127
V
IGDx-MAX
GDx gate driver short circuit current
GDx short to GND
8
mA
IDRx
DRx pin input current
VDRx = 10V
25
29
μA
VDRx = 100V
55
70
μA
Fault Detection and Handling
VOVP-TH
DRx Pin over-voltage protection threshold
Measure at DRx pin
18
19
21
V
VSHORTFAULT
DRx short fault threshold
Any VDRx < 2.5V
8.35
8.4
9.75
V
VOPENFAULT
SEx open fault threshold
Measure at SEx pin
30
mV
IFAULT-CAP
FAULT_CAP pin output current
All VDRx < VOVP-TH
25
uA
IFAULT-CAP-OVP
FAULT_CAP pin output current at DRx over-
Any VDRx ≥ VOVP-TH
105
uA
voltage
VFAULT-CAP
FAULT-CAP pin voltage threshold at fault timer
VFAULT-CAP rising
3.6
V
expire
RFaultb
Faultb pin to GND resistance
LED fault = TRUE
110
Thermal Protection
TOTM-TH
Over Temperature Monitor Threshold
125
°C
TOTM-HYS
Over Temperature Monitor Hysteresis
20
°C
TSD
Thermal shutdown temperature
TJ rising
165
°C
TSD-HYS
Thermal shutdown temperature hysteresis
TJ falling
20
°C
Thermal Resistance
θJA
Junction to Ambient (2)
TSSOP-28 Package
33.5
°C/W
θJC
Junction to Case (2)
6
°C/W
(2)
Measurements are performed on a 4 layer JEDEC board with 10 vias provided under the exposed pad. See JESD51-1 to JESD51-11.
The value of
θJA is specifically dependent on the PCB trace area, trace material and the number of layers and thermal vias.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3464 LM3464A


Número de pieza similar - LM3464

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3464 NSC-LM3464 Datasheet
3Mb / 14P
   4 Channel LED Driver Evaluation Board
LM3464 NSC-LM3464 Datasheet
523Kb / 22P
   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 NSC-LM3464 Datasheet
2Mb / 12P
   DHC 25W Reference Designs Dynamic Headroom Control (DHC)
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
National Semiconductor ...
LM3464A NSC-LM3464A Datasheet
523Kb / 22P
   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
More results

Descripción similar - LM3464

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
[Old version datasheet]   Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463 TI1-LM3463_12 Datasheet
1Mb / 40P
[Old version datasheet]   LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
logo
National Semiconductor ...
LM3464 NSC-LM3464_1 Datasheet
2Mb / 12P
   DHC 25W Reference Designs Dynamic Headroom Control (DHC)
LM3535 NSC-LM3535 Datasheet
734Kb / 26P
   Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
   Dynamic LED control/drive circuit
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97686 RENESAS-ISL97686 Datasheet
1Mb / 22P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
logo
Intersil Corporation
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com