Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2512 Datasheet(PDF) 1 Page - NEC

No. de pieza 2SK2512
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK2512 Datasheet(HTML) 1 Page - NEC

  2SK2512 Datasheet HTML 1Page - NEC 2SK2512 Datasheet HTML 2Page - NEC 2SK2512 Datasheet HTML 3Page - NEC 2SK2512 Datasheet HTML 4Page - NEC 2SK2512 Datasheet HTML 5Page - NEC 2SK2512 Datasheet HTML 6Page - NEC 2SK2512 Datasheet HTML 7Page - NEC 2SK2512 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOS FIELD EFFECT TRANSISTOR
DESCRIPTION
The 2SK2512 is N-Channel MOS Field Effect Transistor designed
for high current switching applications.
FEATURES
Low On-Resistance
RDS (on)1 = 15 m
Ω (VGS = 10 V, ID = 23 A)
RDS (on)2 = 23 m
Ω (VGS = 4 V, ID = 23 A)
Low Ciss
Ciss = 2 100 pF TYP.
Built-in G-S Protection Diode
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID(DC)
±45
A
Drain Current (pulse)*
ID(pulse)
±180
A
Total Power Dissipation (Tc = 25 ˚C)
PT1
35
W
Total Power Dissipation (TA = 25 ˚C)
PT2
2.0
W
Channel Temperature
Tch
150
˚C
Storage Temperature
Tstg
–55 to +150 ˚C
*
PW
≤ 10
µs, Duty Cycle ≤ 1 %
The diode connected between the gate and source of the transistor
serves as a protector against ESD. When this device is actually used,
an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.
2SK2512
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
©
1995
DATA SHEET
Document No. D10291EJ1V0DS00 (1st edition)
Date Published August 1995 P
Printed in Japan
PACKAGE DIMENSIONS
(in millimeter)
10.0±0.3
4.5±0.2
3.2±0.2
2.7±0.2
2.5±0.1
1.3±0.2
1.5±0.2
2.54
0.7±0.1
2.54
0.65±0.1
123
1. Gate
2. Drain
3. Source
MP-45F (ISOLATED TO-220)
Body
Diode
Source
Drain
Gate
Gate
Protection
Diode


Número de pieza similar - 2SK2512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2512 ISC-2SK2512 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2512 RENESAS-2SK2512 Datasheet
225Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1995
More results

Descripción similar - 2SK2512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com