Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3691 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM3691
Descripción Electrónicos  High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3691_14 Datasheet HTML 4Page - Texas Instruments LM3691_14 Datasheet HTML 5Page - Texas Instruments LM3691_14 Datasheet HTML 6Page - Texas Instruments LM3691_14 Datasheet HTML 7Page - Texas Instruments LM3691_14 Datasheet HTML 8Page - Texas Instruments LM3691_14 Datasheet HTML 9Page - Texas Instruments LM3691_14 Datasheet HTML 10Page - Texas Instruments LM3691_14 Datasheet HTML 11Page - Texas Instruments LM3691_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LM3691
SNVS506H – MAY 2008 – REVISED SEPTEMBER 2011
www.ti.com
Typical Performance Characteristics (continued)
LM3691TL Typical Application Circuit (page 1), VIN = 3.6V, VOUT = 1.8V, TA = 25°, L = 1.0 μH, 2520, (LQM2HP1R0), CIN =
COUT = 4.7 μF, 0603(1608), 6.3V, (C1608X5R0J475K) unless otherwise noted.
Output Voltage Ripple vs. Supply Voltage
Output Voltage Ripple vs. Supply Voltage
(VOUT = 0.75V)
(VOUT = 1.8V)
Figure 22.
Figure 23.
Closed Loop Current Limit vs. Temperature
Closed Loop Current Limit vs. Temperature
(VOUT = 0.75V)
(VOUT = 1.8V)
Figure 24.
Figure 25.
Line Transient Reponse
Line Transient Reponse
(VOUT = 0.75V, PWM Mode)
(VOUT = 1.8V, PWM Mode)
Figure 26.
Figure 27.
8
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3691


Número de pieza similar - LM3691_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3691 TI1-LM3691_15 Datasheet
2Mb / 29P
[Old version datasheet]   High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
More results

Descripción similar - LM3691_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI1-LM3691_15 Datasheet
2Mb / 29P
[Old version datasheet]   High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
   1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2312 PAM-PAM2312 Datasheet
411Kb / 14P
   1A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com