Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FA7630CP Datasheet(PDF) 2 Page - Fuji Electric

No. de pieza FA7630CP
Descripción Electrónicos  Bipolar IC For Switching Power Supply Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7630CP Datasheet(HTML) 2 Page - Fuji Electric

  FA7630CP Datasheet HTML 1Page - Fuji Electric FA7630CP Datasheet HTML 2Page - Fuji Electric FA7630CP Datasheet HTML 3Page - Fuji Electric FA7630CP Datasheet HTML 4Page - Fuji Electric FA7630CP Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FA7630CP(E)
2
s Electrical characteristics (Ta=25
°C, VCC=6V, CT=180pF, RT=47kΩ)
Reference voltage section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Output voltage
VREF
IOR = 1mA
2.450
2.520
2.580
V
Line regulation
LINE
VCC = 5.0 to 20V
5
20
mV
IOR=1mA
Load regulation
LOAD
IOR = 0.1 to 1mA
30
50
mV
Output voltage variation due to temperature change
VTC1
Ta = –20 to +25
°C–1
1
%
VTC2
Ta = +25 to +85
°C–1
1
%
s Absolute maximum ratings
Item
Symbol
Rating
Unit
Maximum supply voltage
VCC
22
V
Maximum output current
IOUT
±500
mA
Maximum power dissipation
Pd
650
mW
Junction temperature
TJ
125
°C
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +150
°C
s Recommended operating conditions
Item
Symbol
Min.
Max.
Unit
Supply voltage
VCC
520
V
Feedback resistance
RNF
100
k
Oscillator timing capacitance
CT
50
2200
pF
Oscillator timing resistance
RT
24
100
k
Oscillation frequency
fOSC
50
500
kHz
Oscillation and synchronizing circuit section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
CT=180pF, RT=47k
74
83
92
kHz
Frequency variation(due to supply voltage change)
fdV
VCC = 3.6 to 20V
1
%
Frequency variation(due to temperature change)
fdT
Ta = –20 to +85
°C5
%
H level of synchronizing signal
VSYH
1.5
1.8
V
L level of synchronizing signal
VSYL
0.8
1.1
V
Cutoff level of synchronizing signal
VSD
0.4
V
Bias current of synchronizing signal
ISYNC
VSYNC=1.6V
5
µA
Error amplifier section (Ch.1)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Reference voltage
VB
0.769
0.793
0.817
V
Input bias current
IB
5
100
nA
Open-loop voltage gain
AVO
60
dB
Unity-gain bandwidth
fT
1
MHz
H state output voltage
VOH
No load
2.10
V
L state output voltage
VOL
No load
300
mV
Output source current
IOH
VOH=1V
40
55
100
µA
Error amplifier section (Ch.2)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input offset voltage
VIO
210
mV
Input bias current
IB
5
100
nA
Common-mode input voltage
VCOM
0
1.0
V
Open-loop voltage gain
AVO
70
dB
Unity-gain bandwidth
fT
1.0
MHz
H state output voltage
VOH
No load
2.10
V
L state output voltage
VOL
No load
300
mV
Output source current
IOH
VOH=1V
50
65
200
µA


Número de pieza similar - FA7630CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
FA7610CN FUJI-FA7610CN Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7610CPN FUJI-FA7610CPN Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7611 FUJI-FA7611 Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
More results

Descripción similar - FA7630CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com