Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5050-1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM5050-1
Descripción Electrónicos  High Side OR-ing FET Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM5050-1 Datasheet(HTML) 3 Page - Texas Instruments

  LM5050-1 Datasheet HTML 1Page - Texas Instruments LM5050-1 Datasheet HTML 2Page - Texas Instruments LM5050-1 Datasheet HTML 3Page - Texas Instruments LM5050-1 Datasheet HTML 4Page - Texas Instruments LM5050-1 Datasheet HTML 5Page - Texas Instruments LM5050-1 Datasheet HTML 6Page - Texas Instruments LM5050-1 Datasheet HTML 7Page - Texas Instruments LM5050-1 Datasheet HTML 8Page - Texas Instruments LM5050-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629D – MAY 2011 – REVISED JUNE 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
IN, OUT Pins to Ground(2)
-0.3V to 100V
GATE Pin to Ground(2)
-0.3V to 100V
VS Pin to Ground
-0.3V to 100V
OFF Pin to Ground
-0.3V to 7V
Storage Temperature Range
−65°C to 150°C
HBM(3)
2 kV
ESD
MM(4)
150V
Peak Reflow Temperature(5)
260°C, 30sec
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including in-operability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For ensured
specifications and conditions, see the Electrical Characteristics table.
(2)
The GATE pin voltage is typically 12V above the IN pin voltage when the LM5050-1 is enabled (i.e. OFF Pin is Open or Low, and VIN >
VOUT). Therefore, the Absolute Maximum Rating for the IN pin voltage applies only when the LM5050-1 is disabled (i.e. OFF Pin is logic
high), or for a momentary surge to that voltage since the Absolute Maximum Rating for the GATE pin is also 100V
(3)
The Human Body Model (HBM) is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Applicable test standard is
JESD-22-A114-C.
(4)
The Machine Model (MM) is a 200 pF capacitor discharged through a 0
Ω resistor (i.e. directly) into each pin. Applicable test standard is
JESD-A115-A.
(5)
For soldering specifications see the LM5050-1 Product Folder at www.ti.com, general information at www.ti.com/packaging, and reflow
information in literature number SNOA549.
OPERATING RATINGS
(1)
IN, OUT, VS Pins
5.0V to 75V
OFF Pin
0.0V to 5.5V
Standard Grade
−40°C to +125°C
Junction Temperature Range (TJ)
LM5050Q0MK-1
−40°C to +150°C
LM5050Q1MK-1
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including in-operability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For ensured
specifications and conditions, see the Electrical Characteristics table.
ELECTRICAL CHARACTERISTICS
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the appropriate operating junction
temperature (TJ) range of -40°C to +125°C (LM5050MK-1, LM5050Q1MK-1) or -40°C to +150°C (LM5050Q0MK-1). Minimum
and Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions
apply: VIN = 12.0V, VVS = VIN, VOUT = VIN, VOFF = 0.0V, CGATE= 47 nF, and TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VS Pin
Operating Supply Voltage
VVS
-
5.0
-
75.0
V
Range
VVS= 5.0V, VIN = 5.0V
-
75
105
VOUT = VIN - 100 mV
VVS= 12.0V, VIN = 12.0V
IVS
Operating Supply Current
-
100
147
μA
VOUT = VIN - 100 mV
VVS= 75.0V, VIN = 75.0V
-
130
288
VOUT = VIN - 100 mV
IN Pin
VIN
Operating Input Voltage Range
-
5.0
-
75.0
V
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5050-1 LM5050-1-Q1


Número de pieza similar - LM5050-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1-Q1 TI1-LM5050-1-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
More results

Descripción similar - LM5050-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com