Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5060 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM5060
Descripción Electrónicos  High-Side Protection Controller with Low Quiescent Current
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM5060 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5060 Datasheet HTML 7Page - Texas Instruments LM5060 Datasheet HTML 8Page - Texas Instruments LM5060 Datasheet HTML 9Page - Texas Instruments LM5060 Datasheet HTML 10Page - Texas Instruments LM5060 Datasheet HTML 11Page - Texas Instruments LM5060 Datasheet HTML 12Page - Texas Instruments LM5060 Datasheet HTML 13Page - Texas Instruments LM5060 Datasheet HTML 14Page - Texas Instruments LM5060 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VIN
SENSE
OUT
GATE
ISENSE
16 PA
OVPTH
2.0V
OVP
TIMER
nPGD
POREN
5.1V
POR
IGATE
24 PA
GND
16.8V
LM5060
VIN
UVLOTH
1.6V
UVLO
1.5V
EN
VDS Fault
Comparator
Normal
OFF
IGATE-OFF
2.2 mA
nEN
OV
Fault
PGOOD
VTMRH
2.0V
Q
S
R
S
Q
R
OUT+5V
VGATE-TH
5V
Fault Latch
Reset Latch
nEN + POR
Bias Circuit
Enable
Fault
OFF
One
shot
5 PA
6 PA
6 PA: Start-Up Fault Timer
11 PA: O-C (VDS) Fault Timer
UVLOBIAS
5.5 PA
ENBIAS
6 PA
VTMRL
0.3V
500:
1 k:
IOUT-EN
8 PA
IGATE-FLT
80 mA
Charge
Pump
VGS Status
Comparator
ITIMERR
6 mA
LM5060
www.ti.com
SNVS628E – OCTOBER 2009 – REVISED JANUARY 2012
Block Diagram
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5060


Número de pieza similar - LM5060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5060 NSC-LM5060 Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
LM5060 NSC-LM5060 Datasheet
1Mb / 6P
   Evaluation Board Output Current Range: 0A to 5.0A
logo
Texas Instruments
LM5060 TI-LM5060 Datasheet
1Mb / 33P
[Old version datasheet]   LM5060 High-Side Protection Controller with Low Quiescent Current
LM5060 TI1-LM5060 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
LM5060 TI1-LM5060 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
More results

Descripción similar - LM5060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5060 NSC-LM5060 Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
logo
Texas Instruments
LM5060 TI1-LM5060_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
LM5060Q1MM TI-LM5060Q1MM Datasheet
1Mb / 33P
[Old version datasheet]   LM5060 High-Side Protection Controller with Low Quiescent Current
logo
STMicroelectronics
LDL112 STMICROELECTRONICS-LDL112 Datasheet
1Mb / 32P
   1.2 A low quiescent current LDO with reverse current protection
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
logo
Texas Instruments
LM9061 TI1-LM9061 Datasheet
4Mb / 33P
[Old version datasheet]   High-Side Protection Controller
LM5060 TI1-LM5060_15 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
logo
Linear Technology
LTC3824 LINER-LTC3824_15 Datasheet
256Kb / 14P
   High Voltage Step-Down Controller With 40A Quiescent Current
LTC3261 LINER-LTC3261 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
logo
Maxim Integrated Produc...
MAX14922 MAXIM-MAX14922_V01 Datasheet
634Kb / 23P
   High-Side Switch Controller with Current Limiting
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com