Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25007 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM25007
Descripción Electrónicos  42V, 0.5A Step-Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM25007 Datasheet(HTML) 4 Page - Texas Instruments

  LM25007_14 Datasheet HTML 1Page - Texas Instruments LM25007_14 Datasheet HTML 2Page - Texas Instruments LM25007_14 Datasheet HTML 3Page - Texas Instruments LM25007_14 Datasheet HTML 4Page - Texas Instruments LM25007_14 Datasheet HTML 5Page - Texas Instruments LM25007_14 Datasheet HTML 6Page - Texas Instruments LM25007_14 Datasheet HTML 7Page - Texas Instruments LM25007_14 Datasheet HTML 8Page - Texas Instruments LM25007_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM25007
SNVS401B – JANUARY 2006 – REVISED FEBRUARY 2008
www.ti.com
Electrical Characteristics
(1)
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 24V, RON = 200kΩ. .
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator
VCC Reg
VCC Regulator Output
6.6
7
7.4
V
VCC Current Limit
(2)
11
mA
VCC Supply
VCC undervoltage Lockout Voltage
6.3
V
(VCC increasing)
VCC Undervoltage Hysteresis
206
mV
VCC UVLO Delay (filter)
3
µs
Operating Current (ICC)
Non-Switching, FB = 3V
500
675
µA
Shutdown/Standby Current
RON/SD = 0V
70
150
µA
Switch Characteristics
Buck Switch Rds(on)
ITEST = 200mA,
0.74
1.34
VBST
−VSW = 6.3V
(3)
Gate Drive UVLO (VBST – VSW)
Rising
3.4
4.5
5.5
V
Gate Drive UVLO Hysteresis
400
mV
Current Limit
Current Limit Threshold
535
725
900
mA
Current Limit Response Time
Iswitch Overdrive = 0.1A Time
225
ns
to Switch Off
OFF time generator (test 1)
FB=0V, RCL = 100K
17
µs
OFF time generator (test 2)
FB=2.3V, RCL = 100K
2.65
µs
On Time Generator
TON -1
Vin = 10V
2.15
2.77
3.5
µs
Ron = 200K
TON -2
Vin = 40V
450
615
810
ns
Ron = 200K
Remote Shutdown Threshold
Rising
0.45
0.7
1.1
V
Remote Shutdown Hysteresis
40
mV
Minimum Off Time
Minimum Off Timer
FB = 0V
300
ns
Regulation and OV Comparators
FB Reference Threshold
Internal reference
2.445
2.5
2.550
V
Trip point for switch ON
FB Over-Voltage Threshold
Trip point for switch OFF
2.875
V
FB Bias Current
100
nA
Thermal Shutdown
Tsd
Thermal Shutdown Temp.
165
°C
Thermal Shutdown Hysteresis
25
°C
Thermal Resistance
θJA
Junction to Ambient
MUA Package
200
°C/W
SDC Package
40
°C/W
(1)
All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production with TA = TJ = 25°C.
All hot and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(2)
The VCC output is intended as a self bias for the internal gate drive power and control circuits. Device thermal limitations limit external
loading.
(3)
For devices procured in the LLP-8 package the Rds(on) limits are guaranteed by design characterization data only.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LM25007


Número de pieza similar - LM25007_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM25007 NSC-LM25007_11 Datasheet
181Kb / 4P
   Boot Capacitor Regulation in LM25007 Constant-On-Time (COT) Converter
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results

Descripción similar - LM25007_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
   0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com