Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCN-361J008-AU Datasheet(PDF) 5 Page - Fujitsu Component Limited.

No. de pieza FCN-361J008-AU
Descripción Electrónicos  RECTANGULAR CONNECTORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FCN-361J008-AU Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FCN-361J008-AU Datasheet HTML 1Page - Fujitsu Component Limited. FCN-361J008-AU Datasheet HTML 2Page - Fujitsu Component Limited. FCN-361J008-AU Datasheet HTML 3Page - Fujitsu Component Limited. FCN-361J008-AU Datasheet HTML 4Page - Fujitsu Component Limited. FCN-361J008-AU Datasheet HTML 5Page - Fujitsu Component Limited. FCN-361J008-AU Datasheet HTML 6Page - Fujitsu Component Limited. FCN-361J008-AU Datasheet HTML 7Page - Fujitsu Component Limited. FCN-361J008-AU Datasheet HTML 8Page - Fujitsu Component Limited. FCN-361J008-AU Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
Dimensions are in millimeters (inches)
www.fujitsu.takamisawa.com
Specifications
subject to change
s FEATURES
• Many applications
Various connectors are available for connection by
means of soldering, wire wrapping, crimping, PC board
mounting, and insulation displacement connection
(IDC). The user can choose a plug and jack
combination that best meet each application.
• Small size for high-density mounting
The connectors are small with a contact and terminal
pitch of 2.54 mm (0.100 in.) between pins and between
rows and are thus well suited for high-density mounting.
• Sturdy shell guide
Sturdy shell guides are used to prevent mismating and
to protect the pins.
• Excellent cost performance
Streamlined design and automated manufacturing,
including use of partial solder plating, provide excellent
cost performance.
s SPECIFICATIONS
s MATERIALS
RECTANGULAR CONNECTORS
FCN-360 SERIES
Item
Operating temperature range
Current Rating
Voltage Rating
Contact resistance
Insulation resistance
Dielectric withstanding voltage
Insertion force
Withdrawal force
Applicable
wire
Applicable PC board
Specification
–55
°C to +85°C
DC 3 A (IDC type: 1 A)
AC 250 V
15 m
Ω max. (DC 6 V, 0.3 A)
1000 M
Ω min. (DC 500 V)
AC 500 V for 1 minute
2.5 kg max. (8 contacts), 20 kg max. (64 contacts)
0.3 kg min. (8 contacts), 2.3 kg min. (64 contacts)
φ0.60 mm (0.024 in.) max, AWG #23 or less
φ0.32 mm (0.013 in.) to φ0.26 mm (0.010 in.), AWG #28 to #30
Standard contacts
φ0.51 mm (0.020 in.) to φ0.32 mm (0.013
in.), AWG #24 to #28, insulator
φ1.2 mm (0.047 in.) max.
Contacts for thick wires
φ0.64 mm (0.025 in.) to φ0.32 mm
(0.013 in.), AWG #22 to #28, insulator
φ1.7 (0.067 in.) max.
Flat cable 1.27 mm (0.050 in.) pitch, AWG #28 (stranded wire),
AWG #30 (solid wire)
1.6 mm (0.063 in.) standard thick
Soldering
Wire-wrapping
Crimping
IDC
Item
Insulator
Conductor
Plating
Material
Polyester (363J: PC94V-2)
Copper alloy
Gold plating, silver plating


Número de pieza similar - FCN-361J008-AU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
FCN-361J008-AU FUJI-FCN-361J008-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
FCN-361J008-AU ETC2-FCN-361J008-AU Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
More results

Descripción similar - FCN-361J008-AU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
   Rectangular Connectors
logo
List of Unclassifed Man...
FCN-363T-T011 ETC2-FCN-363T-T011 Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
   Rectangular Connectors
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
105650 ETC2-105650 Datasheet
813Kb / 7P
   EPIC Rectangular Connectors
logo
TE Connectivity Ltd
1-172165-2 TEC-1-172165-2 Datasheet
516Kb / 6P
   Rectangular Power Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS FCN360 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com