Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FCN-364P024-AU Datasheet(PDF) 6 Page - Fujitsu Component Limited. |
|
FCN-364P024-AU Datasheet(HTML) 6 Page - Fujitsu Component Limited. |
6 / 32 page FCN-360 Series 6 Dimensions are in millimeters (inches) www.fujitsu.takamisawa.com Specifications subject to change s PART NUMBER FCN-36 7 J 048-AU / H (Only for IDC) Shape of connector cover with IDC holders B: Close end (special) F: Close end H: Through end Plating and cover specification AU: Gold plating B: Type B cover (standard) C: Type C cover (for cable-to-cable connection) D: Type D cover (with metal cable clamp) E: Type E cover (with long lock-screws) F: Type F cover (64 contacts only) G1: One-touch lock type (40 contacts only) H/E: EMI protection type (40 contacts only) J1: Obtuse angle cable-out cover (40 contacts only) Number of contacts 8, 16, 24, 32, 40, 48, 56, 64 Connector or parts type A: Metal fitting C: Cover J: Jack P: Plug Tail type 0: Cover, metal fitting 1: Soldering 2: Wire-wrapping 3: Crimping 4: Straight 5: Right-angle 7: IDC 360 series connector Fujitsu connector |
Número de pieza similar - FCN-364P024-AU |
|
Descripción similar - FCN-364P024-AU |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |