Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-4502 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza HCPL-4502
Descripción Electrónicos  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-4502 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HCPL-4502 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-4502 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
Single-Channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.5
Transfer Characteristics (TA = 0 to 70°C Unless otherwise specified)
*All Typicals at TA = 25°C
Note:
5. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF,
times 100%.
Symbol
Parameter
Test Conditions
Device
Min.
Typ.* Max. Unit
COUPLED
CTR
Current Transfer
Ratio(5)
IF = 16mA, VO = 0.4 V,
VCC = 4.5V, TA =25°C
6N135
HCPL-2530
7
18
50
%
6N136
HCPL-4502
HCPL-2531
19
27
50
%
HCPL-2503
12
27
%
IF = 16mA,
VCC = 4.5V
VOL = 0.4V
6N135
5
21
%
VOL = 0.5V
HCPL-2530
VOL = 0.4V
6N136
HCPL-4502
15
30
%
VOL = 0.5V
HCPL-2531
VOL = 0.4V
HCPL-2503
9
30
%
VOL
Logic LOW Output
Voltage
IF = 16mA, IO = 1.1mA,
VCC = 4.5V, TA =25°C
6N135
0.18
0.4
V
HCPL-2530
0.18
0.5
IF = 16mA, IO = 3mA,
VCC = 4.5V, TA =25°C
6N136
HCPL-2503
0.25
0.4
HCPL-2531
0.25
0.5
IF = 16mA, IO = 0.8mA,
VCC = 4.5V
6N135
HCPL-2530
0.5
IF = 16mA, IO = 2.4mA,
VCC = 4.5V
HCPL-4502
HCPL-2531
0.5


Número de pieza similar - HCPL-4502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HCPL-4502 QT-HCPL-4502 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-4502 HP-HCPL-4502 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results

Descripción similar - HCPL-4502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com