Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25574 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM25574
Descripción Electrónicos  SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM25574 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM25574_14 Datasheet HTML 4Page - Texas Instruments LM25574_14 Datasheet HTML 5Page - Texas Instruments LM25574_14 Datasheet HTML 6Page - Texas Instruments LM25574_14 Datasheet HTML 7Page - Texas Instruments LM25574_14 Datasheet HTML 8Page - Texas Instruments LM25574_14 Datasheet HTML 9Page - Texas Instruments LM25574_14 Datasheet HTML 10Page - Texas Instruments LM25574_14 Datasheet HTML 11Page - Texas Instruments LM25574_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
FB
SW
RT
VIN
BST
SD
5V
S
R
Q
Q
AGND
IS
CLK
+
SS
PRE
3
2
10
6
5
4
7
8
11
9
12
1
SD
Ir
LM25574
SHUTDOWN
STANDBY
7V
REGULATOR
SYNC
SYNC
OSCILLATOR
RAMP
OUT
PGND
CLK
CLK
COMP
ERROR
AMP
R3
21k
C3
470p
C9
22
R6
1.65k
R5
5.11k
L1
100 PH
C7
0.022
C8
0.47
D1
CMSH2-60M
13
15
14
16
THERMAL
SHUTDOWN
UVLO
UVLO
CLK
DIS
VCC
LEVEL
SHIFT
DRIVER
1.225V
1.225V
0.7V
0.7V
R4
24.9k
C5
0.022
C6
open
R2
OPEN
C2
OPEN
C4
0.01
C1
1.0
R1
OPEN
7V ± 42V
VIN
VIN
1.4V
PWM
C_LIMIT
10 PA
5 PA
VIN
TRACK
SAMPLE
and
HOLD
2V/A
RAMP GENERATOR
Ir = (10 PA x (VIN ± VOUT))
+ 50 PA
0.1
0.2
0.3
0.4
0.5
IOUT (A)
0
10
20
30
40
50
60
70
80
90
100
VIN = 7V
VIN = 24V
LM25574
SNVS483F – JANUARY 2007 – REVISED FEBRUARY 2009
www.ti.com
Typical Performance Characteristics (continued)
Demoboard Efficiency
vs
IOUT and VIN
Typical Application Circuit and Block Diagram
Detailed Operating Description
The LM25574 switching regulator features all of the functions necessary to implement an efficient high voltage
buck regulator using a minimum of external components. This easy to use regulator integrates a 42V N-Channel
buck switch with an output current capability of 0.5 Amps. The regulator control method is based on current
mode control utilizing an emulated current ramp. Peak current mode control provides inherent line voltage feed-
forward, cycle-by-cycle current limiting, and ease of loop compensation. The use of an emulated control ramp
reduces noise sensitivity of the pulse-width modulation circuit, allowing reliable processing of very small duty
cycles necessary in high input voltage applications. The operating frequency is user programmable from 50kHz
to 1MHz. An oscillator synchronization pin allows multiple LM25574 regulators to self synchronize or be
synchronized to an external clock. The output voltage can be set as low as 1.225V. Fault protection features
include, current limiting, thermal shutdown and remote shutdown capability. The device is available in the
TSSOP-16 package.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM25574


Número de pieza similar - LM25574_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results

Descripción similar - LM25574_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com