Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM26001 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM26001
Descripción Electrónicos  1.5A Switching Regulator with High Efficiency Sleep Mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM26001 Datasheet(HTML) 3 Page - Texas Instruments

  LM26001 Datasheet HTML 1Page - Texas Instruments LM26001 Datasheet HTML 2Page - Texas Instruments LM26001 Datasheet HTML 3Page - Texas Instruments LM26001 Datasheet HTML 4Page - Texas Instruments LM26001 Datasheet HTML 5Page - Texas Instruments LM26001 Datasheet HTML 6Page - Texas Instruments LM26001 Datasheet HTML 7Page - Texas Instruments LM26001 Datasheet HTML 8Page - Texas Instruments LM26001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM26001, LM26001Q
www.ti.com
SNVS430F – MAY 2006 – REVISED NOVEMBER 2010
Absolute Maximum Ratings
(1) (2)
VIN
-0.3V to 40V
SW(3)
-0.5V to 40V
VDD
-0.3V to 7V
VBIAS
-0.3V to 10V
FB
-0.3V to 6V
BOOT
SW-0.3V to SW+7V
PGOOD
-0.3V to 7V
Voltages from the indicated pins to
GND
FREQ
-0.3V to 7V
SYNC
-0.3V to 7V
EN
-0.3V to 40V
FPWM
-0.3V to 7V
SS
-0.3V to 7V
Storage Temperature
-65°C to +150°C
Power Dissipation (Note 2)
2.6 W
Recommended Lead Temperature
Vapor Phase (70s)
215°C
Infrared (15s)
220°C
ESD Susceptibility(4)
Machine Model
200V
Human Body Model
2KV
Hharged Device Model
1kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The absolute maximum specification applies to DC voltage. An extended negative voltage limit of -2V applies for a pulse of up to 1µs,
and -1V for a pulse of up to 20µs.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin. The charged device model is per JESD22-C101-C.
Operating Ratings
(1)
Operating Junction Temp.
−40°C to 125°C
Supply Voltage(2)
3.0V to 38V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics.
(2)
Below 4.0V input, power dissipation may increase due to increased RDS(ON). Therefore, a minimum input voltage of 4.0V is required to
operate continuously within specification. A minimum of 3.9V (typical) is also required for startup.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM26001 LM26001Q


Número de pieza similar - LM26001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI-LM26001 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
LM26001-Q1 TI-LM26001-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
More results

Descripción similar - LM26001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com