Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6586 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LMH6586
Descripción Electrónicos  32x16 Video Crosspoint Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6586 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6586_14 Datasheet HTML 3Page - Texas Instruments LMH6586_14 Datasheet HTML 4Page - Texas Instruments LMH6586_14 Datasheet HTML 5Page - Texas Instruments LMH6586_14 Datasheet HTML 6Page - Texas Instruments LMH6586_14 Datasheet HTML 7Page - Texas Instruments LMH6586_14 Datasheet HTML 8Page - Texas Instruments LMH6586_14 Datasheet HTML 9Page - Texas Instruments LMH6586_14 Datasheet HTML 10Page - Texas Instruments LMH6586_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LMH6586
www.ti.com
SNCS105C – JULY 2008 – REVISED NOVEMBER 2011
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, VDD = 5V, REXT = 10 kΩ 1%, VREF_CLAMP = 300 mV, RL =
150
Ω, CL = 12 pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Specifications
VDD
Operating Supply Voltage
4.5
5.5
V
IDD
Supply Current
No Load, AV = 1 V/V
300
360
mA
Power Save Supply Current
No Load, AV = 1 V/V, SCL= SDA=
1.5
mA
PWDN= DVDD
AV
Gain
2x Gain Buffer
1.92
2.00
2.07
V/V
1x Gain Buffer
0.95
0.99
1.03
ΔAV_CH-CH Gain Matching (Ch to Ch)
AV = 1 V/V
1.2
3
%
VOS
Output Offset Voltage
AV = 1 V/V, No Load (referenced to DC
60
mV
restored input)
VDET_LSB
Video Detection Threshold LSB
85
95
105
mV
VDET
Video Detection Threshold Offset
Video detection threshold offset
±50
mV
measured above sync tip level of DC
restored input
AC Specifications
BWSS
Small Signal Bandwidth (
−3 dB)
VOUT = 20 mVPP
66
MHz
BWLS
Large Signal Bandwidth (
−3 dB)
VOUT = 1.5 VPP
29
MHz
tr/tf
Rise/Fall Time
10% to 90%, VOUT = 2 VPP
35
ns
tp
Propagation Delay
50% to 50%, VOUT = 2 VPP
5
ns
tpCh-Ch
Ch-Ch Propagation Delay
50% to 50%, VOUT = 2 VPP
5
ns
CT
Adjacent CH Crosstalk
f = 6 MHz, AV = 2 V/V
−58
dB
Off Iso
Input-Output Off-Isolation
f = 6 MHz, AV = 2 V/V
−70
dB
DG
Differential Gain Error for NTSC
AV = 2 V/V, 3.5 MHz
0.05
%
DP
Differential Phase Error for NTSC
AV = 2 V/V, 3.5 MHz
0.05
deg
I2C Interface and Digital Pin Logic Levels
VIL
Low Input Voltage
1.5
V
VIH
High Input Voltage
3.3
V
IIN
Input Current
±1
µA
VOL
Low Output Voltage
IOL = 3 mA
0.5
V
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6586


Número de pieza similar - LMH6586_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6586VS NSC-LMH6586VS Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586VS/NOPB TI1-LMH6586VS/NOPB Datasheet
752Kb / 33P
[Old version datasheet]   LMH6586 32x16 Video Crosspoint Switch
LMH6586VS/NOPB TI1-LMH6586VS/NOPB Datasheet
752Kb / 33P
[Old version datasheet]   LMH6586 32x16 Video Crosspoint Switch
More results

Descripción similar - LMH6586_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586 Datasheet
752Kb / 33P
[Old version datasheet]   LMH6586 32x16 Video Crosspoint Switch
logo
Intersil Corporation
ISL59534_0708 INTERSIL-ISL59534_0708 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59534 RENESAS-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Intersil Corporation
ISL59534 INTERSIL-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com