Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6586 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMH6586
Descripción Electrónicos  32x16 Video Crosspoint Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6586 Datasheet(HTML) 5 Page - Texas Instruments

  LMH6586 Datasheet HTML 1Page - Texas Instruments LMH6586 Datasheet HTML 2Page - Texas Instruments LMH6586 Datasheet HTML 3Page - Texas Instruments LMH6586 Datasheet HTML 4Page - Texas Instruments LMH6586 Datasheet HTML 5Page - Texas Instruments LMH6586 Datasheet HTML 6Page - Texas Instruments LMH6586 Datasheet HTML 7Page - Texas Instruments LMH6586 Datasheet HTML 8Page - Texas Instruments LMH6586 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMH6586
www.ti.com
SNCS105C – JULY 2008 – REVISED NOVEMBER 2011
Pin Descriptions (continued)
Pin #
Pin Name
Pin Description
16
VIN_18
VIDEO INPUT 18
17
VIN_17
VIDEO INPUT 17
18
VIN_16
VIDEO INPUT 16
19
VDD
VDD (connect to 5V supply)
20
GND
GND
21
VBIAS 1
VBIAS 1 (connect to external 0.1 µF capacitor)
22
VOUT_16
VIDEO OUTPUT 16
23
VOUT_15
VIDEO OUTPUT 15
24
VOUT_14
VIDEO OUTPUT 14
25
VOUT_13
VIDEO OUTPUT 13
26
VOUT_12
VIDEO OUTPUT 12
27
VOUT_11
VIDEO OUTPUT 11
28
VOUT_10
VIDEO OUTPUT 10
29
VOUT_9
VIDEO OUTPUT 9
30
VOUT_8
VIDEO OUTPUT 8
31
GND
GND
32
VDD
VDD (connect to 5V supply)
33
VOUT_7
VIDEO OUTPUT 7
34
VOUT_6
VIDEO OUTPUT 6
35
VOUT_5
VIDEO OUTPUT 5
36
VOUT_4
VIDEO OUTPUT 4
37
VOUT_3
VIDEO OUTPUT 3
38
VOUT_2
VIDEO OUTPUT 2
39
VOUT_1
VIDEO OUTPUT 1
40
VOUT_0
VIDEO OUTPUT 0
41
GND
GND
42
VDD
VDD (connect to 5V supply)
43
VIN_0
VIDEO INPUT 0
44
VIN_1
VIDEO INPUT 1
45
VIN_2
VIDEO INPUT 2
46
VIN_3
VIDEO INPUT 3
47
VIN_4
VIDEO INPUT 4
48
VIN_5
VIDEO INPUT 5
49
VIN_6
VIDEO INPUT 6
50
VIN_7
VIDEO INPUT 7
51
GND
GND
52
VDD
VDD (connect to 5V supply)
53
VIN_8
VIDEO INPUT 8
54
VIN_9
VIDEO INPUT 9
55
VIN_10
VIDEO INPUT 10
56
VIN_11
VIDEO INPUT 11
57
VIN_12
VIDEO INPUT 12
58
VIN_13
VIDEO INPUT 13
59
VIN_14
VIDEO INPUT 14
60
VIN_15
VIDEO INPUT 15
61
GAIN
GAIN SELECT INPUT (set low for 1X gain, or set high for 2X gain)
62
VDD
VDD (connect to 5V supply)
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6586


Número de pieza similar - LMH6586

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586 Datasheet
752Kb / 33P
[Old version datasheet]   LMH6586 32x16 Video Crosspoint Switch
logo
National Semiconductor ...
LMH6586VS NSC-LMH6586VS Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586VS/NOPB TI1-LMH6586VS/NOPB Datasheet
752Kb / 33P
[Old version datasheet]   LMH6586 32x16 Video Crosspoint Switch
LMH6586VS/NOPB TI1-LMH6586VS/NOPB Datasheet
752Kb / 33P
[Old version datasheet]   LMH6586 32x16 Video Crosspoint Switch
More results

Descripción similar - LMH6586

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586 Datasheet
752Kb / 33P
[Old version datasheet]   LMH6586 32x16 Video Crosspoint Switch
logo
Intersil Corporation
ISL59534_0708 INTERSIL-ISL59534_0708 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59534 RENESAS-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Intersil Corporation
ISL59534 INTERSIL-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com