Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4S012 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPD4S012
Descripción Electrónicos  4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S012 Datasheet(HTML) 5 Page - Texas Instruments

  TPD4S012_14 Datasheet HTML 1Page - Texas Instruments TPD4S012_14 Datasheet HTML 2Page - Texas Instruments TPD4S012_14 Datasheet HTML 3Page - Texas Instruments TPD4S012_14 Datasheet HTML 4Page - Texas Instruments TPD4S012_14 Datasheet HTML 5Page - Texas Instruments TPD4S012_14 Datasheet HTML 6Page - Texas Instruments TPD4S012_14 Datasheet HTML 7Page - Texas Instruments TPD4S012_14 Datasheet HTML 8Page - Texas Instruments TPD4S012_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0
14
Voltage (V)
2
4
6
8
10
10
12
0
2.0
1.8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
30
Voltage (V)
5
10
15
20
25
0
1.8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
9.00E-12
1.00E-11
1.10E-11
1.20E-11
1.30E-11
1.40E-11
1.50E-11
1.60E-11
1.70E-11
1.80E-11
0.0
1.0
2.0
3.0
4.0
5.0
Volts
V
to GND
BUS
7.00E-13
8.00E-13
9.00E-13
1.00E-12
1.10E-12
1.20E-12
1.30E-12
1.40E-12
1.50E-12
1.60E-12
1.70E-12
0.0
1.0
2.0
3.0
4.0
5.0
Volts
D+ to GND
–40
–20
140
0
250
Time (ns)
0
20
40
60
80
100
120
25
50
75
100
125
150
175
200
225
–120
40
0
250
Time (ns)
25
50
75
100
125
150
175
200
225
–100
–80
–60
–40
–20
0
20
TPD4S012
www.ti.com
SLVS928A – MARCH 2009 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS (continued)
Figure 5. D+, D–, or ID Clamp Voltage Under ESD Event
Figure 6. VBUS Clamp Voltage Under ESD Event
Figure 7. D+, D–, or ID Capacitance, TA = 27°C
Figure 8. VBUS Capacitance, TA = 27°C
Figure 9. IEC Clamping Waveform, 8 kV Contact, D+, 25 ns/div
Figure 10. IEC Clamping Waveform, –8 kV Contact, D+, 25
ns/div
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPD4S012


Número de pieza similar - TPD4S012_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4S012DRLR TI-TPD4S012DRLR Datasheet
627Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012DRYR TI-TPD4S012DRYR Datasheet
283Kb / 9P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012DRYR TI-TPD4S012DRYR Datasheet
627Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012DRYR TI-TPD4S012DRYR Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
TPD4S012XXXR TI-TPD4S012XXXR Datasheet
283Kb / 9P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
More results

Descripción similar - TPD4S012_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012DRLR TI-TPD4S012DRLR Datasheet
627Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012 TI-TPD4S012 Datasheet
283Kb / 9P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883_10 Datasheet
997Kb / 64P
   Integrated Charger USB Interface
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com