Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD12S016 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD12S016
Descripción Electrónicos  HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPD12S016 Datasheet HTML 7Page - Texas Instruments TPD12S016 Datasheet HTML 8Page - Texas Instruments TPD12S016 Datasheet HTML 9Page - Texas Instruments TPD12S016 Datasheet HTML 10Page - Texas Instruments TPD12S016 Datasheet HTML 11Page - Texas Instruments TPD12S016 Datasheet HTML 12Page - Texas Instruments TPD12S016 Datasheet HTML 13Page - Texas Instruments TPD12S016 Datasheet HTML 14Page - Texas Instruments TPD12S016 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPD12S016
www.ti.com
SLLSE96D – SEPTEMBER 2011 – REVISED DECEMBER 2012
Voltage Level Shifter – SCL, SDA Lines (x_A and x_B ports) VCCA = 2.5 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX UNIT
A to B
SCL/SDA Channels Enabled
300
nS
tPHL
Propagation delay
B to A
SCL/SDA Channels Enabled
400
nS
A to B
SCL/SDA Channels Enabled
290
nS
tPLH
Propagation delay
B to A
SCL/SDA Channels Enabled
420
nS
A Port fall time
A-Port
SCL/SDA Channels Enabled
170
nS
tFALL
B Port fall time
B-Port
SCL/SDA Channels Enabled
225
nS
A Port rise time
A-Port
SCL/SDA Channels Enabled
315
nS
tRISE
B Port fall time
B-Port
SCL/SDA Channels Enabled
415
nS
Maximum switching
F(MAX)
SCL/SDA Channels Enabled
400
kHz
frequency
Voltage Level Shifter – CEC Lines (x_A and x_B ports) VCCA = 2.5 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX UNIT
A to B
CEC Channel Enabled
375
tPHL
Propagation delay
nS
B to A
CEC Channel Enabled
305
A to B
CEC Channel Enabled
13.8
µS
tPLH
Propagation delay
B to A
CEC Channel Enabled
16.6
nS
A Port fall time
A-Port
CEC Channel Enabled
170
tFALL
nS
B Port fall time
B-Port
CEC Channel Enabled
170
A Port rise time
A-Port
CEC Channel Enabled
315
nS
tRISE
B Port rise time
B-Port
CEC Channel Enabled
28
µS
Voltage Level Shifter – HPD Lines (x_A and x_B ports) VCCA = 2.5 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX UNIT
tPHL
Propagation delay
B to A
HPD Channel Enabled
14.2
µS
tPLH
Propagation delay
B to A
HPD Channel Enabled
9.2
µS
tFALL
A Port fall time
A-Port
HPD Channel Enabled
1.2
nS
tRISE
A Port rise time
A-Port
HPD Channel Enabled
1.2
nS
Voltage Level Shifter – SCL, SDA Lines (x_A and x_B ports) VCCA = 3.3 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX UNIT
A to B
SCL/SDA Channels Enabled
300
nS
tPHL
Propagation delay
B to A
SCL/SDA Channels Enabled
400
nS
A to B
SCL/SDA Channels Enabled
260
nS
tPLH
Propagation delay
B to A
SCL/SDA Channels Enabled
415
nS
A Port fall time
A-Port
SCL/SDA Channels Enabled
160
nS
tFALL
B Port fall time
B-Port
SCL/SDA Channels Enabled
225
nS
A Port rise time
A-Port
SCL/SDA Channels Enabled
305
nS
tRISE
B Port fall time
B-Port
SCL/SDA Channels Enabled
415
nS
Maximum switching
F(MAX)
SCL/SDA Channels Enabled
400
kHz
frequency
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :TPD12S016


Número de pieza similar - TPD12S016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
More results

Descripción similar - TPD12S016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com