Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS55340 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS55340
Descripción Electrónicos  Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS55340 Datasheet(HTML) 1 Page - Texas Instruments

  TPS55340_14 Datasheet HTML 1Page - Texas Instruments TPS55340_14 Datasheet HTML 2Page - Texas Instruments TPS55340_14 Datasheet HTML 3Page - Texas Instruments TPS55340_14 Datasheet HTML 4Page - Texas Instruments TPS55340_14 Datasheet HTML 5Page - Texas Instruments TPS55340_14 Datasheet HTML 6Page - Texas Instruments TPS55340_14 Datasheet HTML 7Page - Texas Instruments TPS55340_14 Datasheet HTML 8Page - Texas Instruments TPS55340_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2
2.4
Output Current (A)
VIN = 15 V
VIN = 12 V
VIN = 5 V
VOUT = 24 V
fSW = 600 kHz
G031
TPS55340
VIN
EN
SW
SW
SW
FREQ
SS
COMP
SYNC
FB
PGND
PGND
PGND
VIN
VOUT
RSL
RSH
L
D
CI
CO
RFREQ
CSS
RC
CC
AGND
TPS55340
www.ti.com
SLVSBD4B – MAY 2012 – REVISED OCTOBER 2012
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
Check for Samples: TPS55340
1
FEATURES
DESCRIPTION
The TPS55340 is a monolithic non-synchronous
2
Internal 5-A, 40-V Low-Side MOSFET Switch
switching regulator with integrated 5-A, 40-V power
2.9-V to 32-V Input Voltage Range
switch. It can be configured in several standard
±0.7% Reference Voltage
switching-regulator
topologies,
including
boost,
SEPIC and isolated flyback. The device has a wide
0.5mA Operating Quiescent Current
input voltage range to support applications with input
2.7µA Shutdown Supply Current
voltage from multi-cell batteries or regulated 3.3-V, 5-
Fixed Frequency Current Mode PWM Control
V, 12-V, and 24-V power rails.
Frequency Adjustable from 100kHz to 1.2MHz
The TPS55340 regulates the output voltage with
Synchronization Capability to External Clock
current mode PWM (pulse width modulation) control,
and
has
an
internal
oscillator.
The
switching
Adjustable Soft-Start Time
frequency of PWM is set by either an external resistor
Pulse-Skipping for Higher Efficiency at Light
or by synchronizing to an external clock signal. The
Loads
user can program the switching frequency from 100
Cycle-by-Cycle Current Limit, Thermal
kHz to 1.2 MHz.
Shutdown, and UVLO Protection
The
device
features
a
programmable
soft-start
QFN-16 (3mmx3mm) and HTSSOP-14
function to limit inrush current during start-up and has
Packages with PowerPad™
other built-in protection features including cycle-by-
cycle over current limit and thermal shutdown.
Wide –40°C to 150°C Operating TJ Range
The TPS55340 is available in a small 3mm x 3mm
APPLICATIONS
16-pin QFN as well as 14-pin HTSSOP packages
with PowerPad™ for enhanced thermal performance.
3.3-V, 5-V, 12-V, 24-V Power Conversion
The 5-A, 40-V TPS55340 Boost Converter in the
Boost, SEPIC, and Flyback Topologies
HTSSOP-14 package is pin-to-pin compatible with
Thunderbolt Port, Power Docking for Tablets
the 3-A, 40-V TPS61175 and it extends the maximum
and Portable PCs
input voltage from 18 V to 32 V.
Industrial Power Systems
ADSL Modems
TYPICAL APPLICATION (BOOST)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS55340_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
More results

Descripción similar - TPS55340_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com