Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62086 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62086
Descripción Electrónicos  3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62086 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62086 Datasheet HTML 1Page - Texas Instruments TPS62086 Datasheet HTML 2Page - Texas Instruments TPS62086 Datasheet HTML 3Page - Texas Instruments TPS62086 Datasheet HTML 4Page - Texas Instruments TPS62086 Datasheet HTML 5Page - Texas Instruments TPS62086 Datasheet HTML 6Page - Texas Instruments TPS62086 Datasheet HTML 7Page - Texas Instruments TPS62086 Datasheet HTML 8Page - Texas Instruments TPS62086 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TPS62085
2.5V to 6V
R1
80.6k
R2
162k
V
IN
POWER GOOD
VOS
FB
VIN
GND
EN
SW
PG
C2
22µF
R3
1M
V
OUT
1.2V/3A
L1
0.47µH
C1
10µF
TPS62085
TPS62086
TPS62087
www.ti.com
SLVSB70 – OCTOBER 2013
TYPICAL CHARACTERISTICS
Measurement Application Circuit
List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
C1
10 µF, Ceramic Capacitor, 6.3 V, X7R, size 0805, GRM21BR71A106ME51L
Murata
C2
22 µF, Ceramic Capacitor, 6.3 V, X5R, size 0805, GRM21BR60J226ME39L
Murata
L1
0.47 µH, Power Inductor, size 4x4x1.5 mm, XFL4015-471ME
Coilcraft
R1
Depending on the output voltage, 1%, size 0603; 0
Ω for TPS62086, TPS62087
Std
R2
162 k
Ω, Chip Resistor, 1/16 W, 1%, size 0603; open for TPS62086, TPS62087
Std
R3
1 M
Ω, Chip Resistor, 1/16 W, 1%, size 0603
Std
Table of Graphs
VIN = 3.6 V, VOUT = 1.2 V, TA = 25 ºC, unless otherwise noted
Figure
TPS62085, VOUT = 0.95 V
Figure 3
TPS62085, VOUT = 1.2 V
Figure 4
Efficiency
TPS62086, VOUT = 3.3 V
Figure 5
TPS62087, VOUT = 1.8 V
Figure 6
Line Regulation
TPS62085
Figure 7
Load Regulation
TPS62085
Figure 8
Switching Frequency
TPS62085
Figure 9
TPS62085, PWM Operation (Load = 3 A)
Figure 10
TPS62085, PFM Operation (Load = 100 mA)
Figure 11
TPS62085, Load Sweep (Load = Open to 3 A)
Figure 12
TPS62085, Startup (Load = 0.47
Ω)
Figure 13
TPS62085, Startup (Load = Open)
Figure 14
TPS62085, Shutdown (Load = 0.47
Ω)
Figure 15
Waveforms
TPS62085, Shutdown (Load = Open)
Figure 16
TPS62085, Load Transient (Load = 0.5 A to 3 A)
Figure 17
TPS62085, Load Transient (Load = 50 mA to 3 A)
Figure 18
TPS62085, Output Short Circuit Protection (Load = 0.47
Ω, Entry)
Figure 19
TPS62085, Output Short Circuit Protection (Load = 0.47
Ω, Recovery)
Figure 20
TPS62085, Output Short Circuit Protection (Load = 0.47
Ω, HICCUP Zoom In)
Figure 21
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62085 TPS62086 TPS62087


Número de pieza similar - TPS62086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62086 TI1-TPS62086 Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62086RLT TI1-TPS62086RLT Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62086RLTR TI1-TPS62086RLTR Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62086RLTT TI1-TPS62086RLTT Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
More results

Descripción similar - TPS62086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62085 TI1-TPS62085 Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI-TPS62085_15 Datasheet
929Kb / 25P
[Old version datasheet]   TPS6208x 3-A Step-Down Converter With Hiccup Short-Circuit Protection In 2 횞 2 QFN Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com