Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS62091 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS62091
Descripción  3A High Efficient Synchronous Step Down Converter with DCS™ Control
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS62091 Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Vout
Vin
2.5V to 6V
PVIN
PVIN
EN
FB
C1
L1
C2
R1
SW
TPS62090
SW
Power Good
AVIN
R2
SS
R3
AGND
PG
C4
VOS
FREQ
CP
CN
C3
1
2
3
4
5
6
PGND PGND
7
8
9
10
11
12
13
14
15
16
Vin or GND
TPS62090, TPS62091, TPS62092, TPS62093
www.ti.com
SLVSAW2B – MARCH 2012 – REVISED APRIL 2014
8 Parameteric Measurement Information
Figure 7. Parametric Measurement Circuit
List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
TPS62090
High efficient step down converter
Texas Instruments
L1
Inductor: 1uH, 0.47uH, 0.4uH
Coilcraft XFL4020-102, XAL4020-401, TOKO DEF252012-R47
C1
Ceramic capacitor: 10uF, 22uF
(6.3V, X5R, 0603), (6.3V, X5R, 0805)
C2
Ceramic capacitor: 22uF
(6.3V, X5R, 0805)
C3, C4
Ceramic capacitor
Standard
R1, R2, R3
Resistor
Standard
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62090 TPS62091 TPS62092 TPS62093


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn