Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62421 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62421
Descripción Electrónicos  2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62421 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62421 Datasheet HTML 1Page - Texas Instruments TPS62421 Datasheet HTML 2Page - Texas Instruments TPS62421 Datasheet HTML 3Page - Texas Instruments TPS62421 Datasheet HTML 4Page - Texas Instruments TPS62421 Datasheet HTML 5Page - Texas Instruments TPS62421 Datasheet HTML 6Page - Texas Instruments TPS62421 Datasheet HTML 7Page - Texas Instruments TPS62421 Datasheet HTML 8Page - Texas Instruments TPS62421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
DEF_1
FB1
MODE/DATA
VIN
EN1
SW2
ADJ2
GND
EN2
Po
w
er
PA
D
SW1
1
2
3
4
5
10
9
8
7
6
TopviewDRCpackage
TPS62420, TPS62421
www.ti.com
SLVS676C – JUNE 2006 – REVISED JUNE 2010
DEVICE INFORMATION
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NAME
(QFN)
ADJ2
1
I
Input to adjust output voltage of converter 2. In adjustable version (TPS62420) connect a external
resistor divider between VOUT2, this pin and GND to set output voltage between 0.6V and VIN. If
EasyScale™ Interface is used for converter 2, this pin must be directly connected to the output.
MODE/DATA
2
I
This Pin has 2 functions:
1. Operation Mode selection: With low level, Power Save Mode is enabled where the device
operates in PFM mode at light loads and enters automatically PWM mode at heavy loads. Pulling
this PIN to high forces the device to operate in PWM mode over the whole load range.
2. EasyScale™ Interface function: One wire serial interface to change the output voltage of both
converters. The pin has an open drain output to provide an acknowledge condition if requested.
The current into the open drain output stage may not exceed 500mA. The interface is active if
either EN1 or EN2 is high.
VIN
3
I
Supply voltage, connect to VBAT, 2.5V to 6V
FB1
4
I
Direct feedback voltage sense input of converter 1, connect directly to Vout 1. An internal feed forward
capacitor is connected between this pin and the error amplifier. In case of fixed output voltage versions
or when the Interface is used, this pin is connected to an internal resistor divider network.
DEF_1
5
I/O
This pin defines the output voltage of converter 1. The pin acts in TPS62420 as an analog input for
output voltage setting via external resistors. In fixed default output voltage versions this pin is a digital
input to select between two fixed default output voltages, see table ordering information.
In TPS62420 an external resistor network needs to be connected to this pin to adjust the default output
voltage.
SW1
6
Switch Pin of Converter1. Connected to Inductor
EN1
7
I
Enable Input for Converter1, active high
GND
8
I
GND for both converters, this pin should be connected with the PowerPAD
EN2
9
I/O
Enable Input for Converter 2, active high
SW2
10
Switch Pin of Converter 2. Connected to Inductor.
PowerPAD™
Connect to GND
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62420 TPS62421


Número de pieza similar - TPS62421

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62421DRCR TI-TPS62421DRCR Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62421DRCT TI-TPS62421DRCT Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Descripción similar - TPS62421

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com